Electronic Components Datasheet Search
  English  ▼

X  

ADPL20502 Datasheet(PDF) 18 Page - Analog Devices

Part # ADPL20502
Description  600mV to 5.5V Input, 2A Boost Converter with True Shutdown
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL20502 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADPL20502 Datasheet HTML 14Page - Analog Devices ADPL20502 Datasheet HTML 15Page - Analog Devices ADPL20502 Datasheet HTML 16Page - Analog Devices ADPL20502 Datasheet HTML 17Page - Analog Devices ADPL20502 Datasheet HTML 18Page - Analog Devices ADPL20502 Datasheet HTML 19Page - Analog Devices ADPL20502 Datasheet HTML 20Page - Analog Devices ADPL20502 Datasheet HTML 21Page - Analog Devices ADPL20502 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Data Sheet
ADPL20502
analog.com
Rev 0
18 of 27
4.4
28.0
4.5
23.7
4.6
20.0
4.7
16.9
4.8
14.0
4.9
11.8
5.0
10.0
5.1
8.45
5.2
7.15
5.4*
4.99
5.5*
SHORT TO GROUND
* Indicates ULPM disabled.
Fixed-Output Voltage Version
In applications where board space is at a premium, contact a Maxim Integrated representative to order fixed-output
versions that don’t require the RSEL resistor to program the output voltage. The RSEL pin must be left floating for fixed
output versions. The output voltage can be preprogrammed in the range from 2.3V to 5.2V with 100mV resolution.
5.3V, 5.4V, and 5.5V output target levels are available. The output target levels programmed to 5.3V, 5.4V, and 5.5V
will have the ULPM disabled.
Features
Enable
The ADPL20502 includes an enable input pin (EN). Connect EN pin to IN pin or drive it to more than 0.6V (VEN_IH) for
normal operation. When EN pin goes below 0.55V (VEN_IL), ADPL20502 enters True Shutdown mode. The device will
consume 1nA (ISD_IN) of current from VIN while in this mode.
In shutdown, the output is truly disconnected from the input. In conventional boost circuits, the body diode of the
synchronous rectifier is forward biased in shutdown and allows current flow from the battery to the output. If the
load cannot be shut down, a load switch is required to avoid depleting the battery during the shutdown. A proprietary
design in the ADPL20502 allows the synchronous rectifier to provide True Shutdown with no additional components.
True Shutdown on the ADPL20502 allows the output to be biased at any voltage or grounded without consuming any
current from IN or OUT pins other than pin leakage currents.
Soft-Start Control
After the EN pin goes above its raising threshold (VEN_IH), the ADPL20502 begins the startup.
When the output capacitor is fully discharged prior to the device being enabled, the startup follows the below steps:
When VIN is at its final level, for example, 3V, the ADPL20502 ramps the output to the level where VOUT starts
approaching VIN, at which point switching is enabled. It then acquires the RSEL pin voltage level to determine the
output target level. Then, the output is ramped up to its target voltage level, for example, 5.0V following a 3V/ms slew
rate. This controls the amount of inrush current into the output capacitor.
The ADPL20502 starts with a 0.9V input voltage and a load resistance of 3kΩ or larger. Enabling the device when VIN
is between 0.9V and 2.0V will be load current limited. If the load current is heavy such that it does not allow the
ADPL20502 to charge the output above 1.5V, the device cannot reach its output target level until VIN is increased or
the load current is reduced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com