Electronic Components Datasheet Search
  English  ▼

X  

ADPL20502 Datasheet(PDF) 21 Page - Analog Devices

Part # ADPL20502
Description  600mV to 5.5V Input, 2A Boost Converter with True Shutdown
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL20502 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADPL20502 Datasheet HTML 17Page - Analog Devices ADPL20502 Datasheet HTML 18Page - Analog Devices ADPL20502 Datasheet HTML 19Page - Analog Devices ADPL20502 Datasheet HTML 20Page - Analog Devices ADPL20502 Datasheet HTML 21Page - Analog Devices ADPL20502 Datasheet HTML 22Page - Analog Devices ADPL20502 Datasheet HTML 23Page - Analog Devices ADPL20502 Datasheet HTML 24Page - Analog Devices ADPL20502 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Data Sheet
ADPL20502
analog.com
Rev 0
21 of 27
Lastly, the trace used for RSEL should neither be too long nor should produce a capacitance of more than 2pF.
It is recommended to consult the ADPL20502 Evaluation board layout.
Thermal Considerations
In most applications, the IC does not dissipate much heat due to its high efficiency. But in applications where the IC
runs at high ambient temperature with heavy loads, the heat dissipated may cause the temperature to exceed +125°C
or the maximum junction temperature of the part. If the junction temperature reaches approximately +165°C (TJ
Rising), the thermal-overload protection is activated. The maximum power dissipation depends on the thermal
resistance of the IC package and the application circuit board.
The power dissipated (PD) in the device is:
������������ = ������������������ − ������������������������ − ������������������������
where PIND is power dissipated in the inductor that includes DC, AC, and core losses; POUT is power delivered to the
load.
The maximum allowed power dissipation is:
������������_������������������ =
������������������������������ − ������������
������������������
where (TJMAX - TA) is the temperature difference between the ADPL20502 maximum rated junction temperature
(+125°C) and the surrounding ambient temperature, and θJA is the thermal resistance of the junction through the
package, PCB, copper traces, and other materials to the surrounding ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com