Electronic Components Datasheet Search
  English  ▼

X  

ADPL20502 Datasheet(PDF) 2 Page - Analog Devices

Part # ADPL20502
Description  600mV to 5.5V Input, 2A Boost Converter with True Shutdown
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL20502 Datasheet(HTML) 2 Page - Analog Devices

  ADPL20502 Datasheet HTML 1Page - Analog Devices ADPL20502 Datasheet HTML 2Page - Analog Devices ADPL20502 Datasheet HTML 3Page - Analog Devices ADPL20502 Datasheet HTML 4Page - Analog Devices ADPL20502 Datasheet HTML 5Page - Analog Devices ADPL20502 Datasheet HTML 6Page - Analog Devices ADPL20502 Datasheet HTML 7Page - Analog Devices ADPL20502 Datasheet HTML 8Page - Analog Devices ADPL20502 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Data Sheet
ADPL20502
analog.com
Rev 0
2 of 27
TABLE OF CONTENTS
Features.................................................................................1
General Description ..............................................................1
Applications ..........................................................................1
Simplified Application Diagram............................................1
Revision History ....................................................................2
Specifications........................................................................3
Absolute Maximum Ratings ..................................................5
Pin Configurations and Function Descriptions ....................6
Pin Configurations ............................................................6
Pin Descriptions................................................................7
Typical Operating Characteristics ........................................8
FUNCTIONAL DIAGRAMS .....................................................14
Detailed Description ...........................................................15
Control Scheme ..............................................................15
Output Voltage Selection ...............................................17
Fixed-Output Voltage Version........................................ 18
Features.......................................................................... 18
Enable ........................................................................ 18
Soft-Start Control ...................................................... 18
Short-Circuit Protection ............................................ 19
Thermal Shutdown .................................................... 19
Design Procedure........................................................... 20
Inductor Selection ..................................................... 20
Input Capacitor .......................................................... 20
Output Capacitor ....................................................... 20
PCB Layout Guidelines .............................................. 20
Thermal Considerations ............................................ 21
TYPICAL APPLICATION CIRCUIT ......................................... 22
Outline Dimensions ............................................................ 23
Ordering GUIDE................................................................... 26
REVISION HISTORY
REVISION
NUMBER
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
0
12/23
Initial Release
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com