Electronic Components Datasheet Search
  English  ▼

X  

ADPL20502 Datasheet(PDF) 1 Page - Analog Devices

Part # ADPL20502
Description  600mV to 5.5V Input, 2A Boost Converter with True Shutdown
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL20502 Datasheet(HTML) 1 Page - Analog Devices

  ADPL20502 Datasheet HTML 1Page - Analog Devices ADPL20502 Datasheet HTML 2Page - Analog Devices ADPL20502 Datasheet HTML 3Page - Analog Devices ADPL20502 Datasheet HTML 4Page - Analog Devices ADPL20502 Datasheet HTML 5Page - Analog Devices ADPL20502 Datasheet HTML 6Page - Analog Devices ADPL20502 Datasheet HTML 7Page - Analog Devices ADPL20502 Datasheet HTML 8Page - Analog Devices ADPL20502 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Data Sheet
ADPL20502
600mV to 5.5V Input, 2A Boost Converter with True Shutdown
Rev 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Wa y, Wilmington, MA 01887 - 2356, U.S.A.
T el: 781.329.4700
© 2023 Analog D evic es, Inc. Al l rig hts r eser ved.
FEATURES
500nA Quiescent Supply Current from Output
Output Short-Circuit Protection
True Shutdown Mode
1nA Shutdown Current
Output Disconnects from Input
No Reverse-Current with Any Voltage on VOUT
96% Peak Efficiency, 90% or Higher at 500μA
Typical 800mA Output Current at 5.0V (VIN = 3.0V)
600mV to 5.5V Input Range, Up to 5.35V in
Regulation
900mV Minimum Startup Voltage
Single Resistor-Adjustable Output Voltage
2.3V to 5.2V Output Voltage Range with 100mV
Steps
5.5V Output Voltage Setting Available
2A Peak Inductor Current Limit
Thermal Shutdown Protection
Multiple Package Options
1.58mm x 0.89mm, 0.4mm Pitch, 6-Bump (3 x 2)
WLP
2mm x 2mm, 8-Pin TDFN
-40°C to +125°C Operating Temperature Range
GENERAL DESCRIPTION
The ADPL20502® is a boost converter capable of
delivering a peak inductor current up to 2A with True
Shutdown™, cycle-by-cycle inductor current limit, short
circuit, and thermal protection. During shutdown, only
1nA is drawn from the input pin. The ADPL20502 offers
ultra-low quiescent current, small total solution size,
and operates at a high efficiency throughout the load
and line range. The ADPL20502 is ideal for battery-
powered applications where long battery life is a must
and high efficiency is required at all power levels.
The ADPL20502 utilizes an adjustable on-time, pulse-
frequency modulation (PFM) control scheme that
consumes ultra-low quiescent current. The ADPL20502
features True Shutdown mode where the output
disconnects from the input with no forward or reverse-
current. This saves precious energy from the battery for
systems that dynamically turn on and off by having the
ability to startup into a precharged output capacitor.
The ADPL20502 is offered in a space-saving and cost
effective 1.58mm x 0.89mm, 6-bump WLP (3 x 2, 0.4mm
pitch) and 8-pin, 2mm x 2mm TDFN packages. The
operating temperature range is from -40°C to +125°C.
APPLICATIONS
Consumer: WiFi Module, Near-Band IoT, Wearable
audio
Industrial: Emergency Lighting, IoT Sensors
Medical: Clinical Instrumentation
SIMPLIFIED APPLICATION DIAGRAM
Figure 1. Simplified Application Diagram
Figure 2. Efficiency vs. Load Current (Figure 5 Circuit)
RSEL
L1
OUT
RSEL
IN
LX
EN
GND
VIN
VOUT
OFF
ON
COUT
CIN
ADPL20502


Similar Part No. - ADPL20502

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL21210 AD-ADPL21210 Datasheet
1Mb / 15P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
Rev 0 1/26
ADPL21210ECPZ AD-ADPL21210ECPZ Datasheet
1Mb / 15P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
Rev 0 1/26
ADPL21210ECPZ-RL AD-ADPL21210ECPZ-RL Datasheet
1Mb / 15P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
Rev 0 1/26
ADPL21210EUJZ AD-ADPL21210EUJZ Datasheet
1Mb / 15P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
Rev 0 1/26
ADPL21210EUJZ-RL AD-ADPL21210EUJZ-RL Datasheet
1Mb / 15P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
Rev 0 1/26
More results

Similar Description - ADPL20502

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8570 MAXIM-MAX8570 Datasheet
287Kb / 11P
High-Efficiency LCD Boost with True Shutdown
Rev 2; 8/09
MAX17220 MAXIM-MAX17220 Datasheet
920Kb / 23P
400mV to 5.5V Input, nanoPower Synchronous Boost Converter with True Shutdown
Rev 3; 7/17
MAX17250 MAXIM-MAX17250 Datasheet
1Mb / 13P
2.7V to 18V Input, Boost Converter with 0.1μA True Shutdown, Short-Circuit Protection and Selectable Input Current Limit
Rev 2; 10/19
MAXM17225 MAXIM-MAXM17225 Datasheet
879Kb / 14P
Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower Boost Module with True Shutdown
19-101160; Rev 1; 8/21
MAX77813 MAXIM-MAX77813 Datasheet
1Mb / 30P
5.5V Input, 2A, High-Efficiency Buck-Boost Converter
2019
MAX77801 MAXIM-MAX77801_V01 Datasheet
1Mb / 31P
5.5V Input, 2A, High-Efficiency Buck-Boost Converter
2019
MAX17220 MAXIM-MAX17220_V01 Datasheet
946Kb / 23P
400mV to 5.5V Input, nanoPower Synchronous Boost Converter with True Shutdown
2019
MAX17227A MAXIM-MAX17227A_V01 Datasheet
618Kb / 22P
400mV to 5.5V Input, 2A nanoPower Boost Converter with Short-Circuit Protection and True Shutdown
Rev 2, 7/21
logo
Diodes Incorporated
AP72250 DIODES-AP72250_V01 Datasheet
2Mb / 26P
0.6V TO 5.5V INPUT SYNCHRONOUS BOOST CONVERTER WITH 4.7A SWITCHES
Rev. 1 - 2 January 2022
logo
Analog Devices
MAX18002 AD-MAX18002 Datasheet
1Mb / 17P
500mV to 5.5V Input, Ultrasonic Boost Converter with Short-Circuit Protection and True Shutdown
Rev 0; 1/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com