Electronic Components Datasheet Search
  English  ▼

X  

ADPL20502 Datasheet(PDF) 4 Page - Analog Devices

Part # ADPL20502
Description  600mV to 5.5V Input, 2A Boost Converter with True Shutdown
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL20502 Datasheet(HTML) 4 Page - Analog Devices

  ADPL20502 Datasheet HTML 1Page - Analog Devices ADPL20502 Datasheet HTML 2Page - Analog Devices ADPL20502 Datasheet HTML 3Page - Analog Devices ADPL20502 Datasheet HTML 4Page - Analog Devices ADPL20502 Datasheet HTML 5Page - Analog Devices ADPL20502 Datasheet HTML 6Page - Analog Devices ADPL20502 Datasheet HTML 7Page - Analog Devices ADPL20502 Datasheet HTML 8Page - Analog Devices ADPL20502 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Data Sheet
ADPL20502
analog.com
Rev 0
4 of 27
(VIN = 1.5V, RSEL = 191kΩ, VOUT = 3.3V, TJ = -40°C to +125°C, typical values are at TJ = +25°C, CIN = 22μF, COUT = 22μF,
unless otherwise noted.) (1)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Inductor Peak Current
Limit
VOUT = 3.3V
TJ = -40°C to
+125°C
1.8
2.0
2.2
High-Side RDSON
RDS_H
VOUT= 3.3V
105
175
mΩ
Low-Side RDSON
RDS_L
VOUT= 3.3V
55
100
mΩ
Zero Crossing Threshold
IZX_LX
(6)
25
50
75
mA
Soft Start Rate
tSS_RATE
Target VOUT = 5.0V
3
V/ms
Enable Input Leakage
ILEAK_EN
TJ = +25°C, VEN = 5.5V
0.3
100
nA
Enable Voltage
Threshold
VEN_IH
VEN Rising, LX begins switching
0.6
0.95
V
VEN_IL
VEN Falling, LX stops switching
0.15
0.55
Required Select Resistor
Accuracy
ACCRSEL
Note: Use the resistor from Table 4.
-1
+1
%
Select Resistor
Detection Time
tRSEL
CRSEL < 2pF (7)
240
600
1320
μs
Thermal Shutdown
Threshold
TSHUT
OUT disabled
TJ Rising
165
°C
TJ Falling
150
.
1
Limits over the specified operating temperature and supply voltage range are guaranteed by design and
characterization, and production tested at room temperature only.
2
Guaranteed by the Required Select Resistor Accuracy parameter.
3
Output Accuracy in Low-Power mode when IOUT > IOUT_TRANSITION and inductor current is not in Continuous
Conduction mode. This accuracy does not include load, line, or ripple.
4
Output Accuracy in Ultra-Low-Power mode when IOUT < IOUT_TRANSITION. This accuracy does not include load, line, or
ripple.
5
Guaranteed by measuring LX frequency and duty cycle. Maximum duty cycle is a function of input voltage since
LX on time varies with VIN.
6
This is static measurement. The actual peak current limit depends on VIN and L due to propagation delays.
7
This is the time required to acquire the RSEL value. This time adds to the startup time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com