Electronic Components Datasheet Search
  English  ▼

X  

TCM8000FN Datasheet(PDF) 5 Page - Texas Instruments

Part # TCM8000FN
Description  CELLULAR TELEPHONE AUDIO PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM8000FN Datasheet(HTML) 5 Page - Texas Instruments

  TCM8000FN Datasheet HTML 1Page - Texas Instruments TCM8000FN Datasheet HTML 2Page - Texas Instruments TCM8000FN Datasheet HTML 3Page - Texas Instruments TCM8000FN Datasheet HTML 4Page - Texas Instruments TCM8000FN Datasheet HTML 5Page - Texas Instruments TCM8000FN Datasheet HTML 6Page - Texas Instruments TCM8000FN Datasheet HTML 7Page - Texas Instruments TCM8000FN Datasheet HTML 8Page - Texas Instruments TCM8000FN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TCM8000
CELLULAR TELEPHONE AUDIO PROCESSOR
SCTS041A – D4086, AUGUST 1992 – REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
5
detailed description – receive path
input conditioning
The received demodulated signal is applied to RXIN and passes to a gain-adjust block that provides
±4 dB of
adjustment in sixteen 0.5-dB steps. At this point, the receive signal path is split into the voice path, the data path,
and the supervisory audio-tone (SAT) path.
receive voice filter
The received voice signal is processed in the band-pass RXBP filter, whose response has been designed to
meet the requirements of AMPS/TACS and NMT systems. The response incorporates the required 6-dB/octave
de-emphasis. Frequency response templates and a typical response are shown in Figures 9 and 10.
expander
The expander implements a 2:1 dynamic range expansion of the signal at its input, EXIN. It is designed to
produce 0-dB gain at 100 mVrms. Envelope attack and decay times are determined by a capacitor attached
to ETC, with a value of 220 nF producing attack time of 3 ms and decay times of approximately 13 ms. The
expander can be bypassed under control of the serial interface.
receive summing circuit and volume control
A 3-input summing circuit is provided, which takes as input the voice signal from the expander, audio tones from
the TDI input, and a call-tone input applied to CTI. Each input can be enabled or muted under control of the serial
interface. The output from this block is passed to the volume control, which provides
±15 dB of output level
control in sixteen 2-dB steps.
output buffers
Two output buffer circuits are provided. The buffer that drives HFO is capable of driving loads down to 10-k
Ω
impedance and is intended for use with an external speaker driver. The HSO buffer features a high-drive bipolar
output stage that allows impedances of 500
Ω to be driven directly with low distortion. The HSO output path also
incorporates a summing circuit to facilitate side-tone injection from the ST input and a limiter circuit, which allows
maximum sound pressure levels to be determined. The limit level is controlled by the voltage applied to RXLIM.
Selection between the HFO and HSO outputs is achieved via the serial interface.
receive data path
A switchable response filter is provided to condition receive data before it is output on RXDO. Frequency
response templates and typical responses are shown in Figures 11 and 12 for AMPS/TACS and NMT,
respectively.
receive SAT path
Received supervisory audio tones (SAT) are separated from the voice signal in a switchable response
narrow-band filter. This filter has a center frequency of 6 kHz in the AMPS/TACS mode and 4 kHz in the NMT
mode. The filter output is passed to a level-adjust circuit, which provides eight 1-dB steps of adjustment. The
processed SAT signal is output on PSO.
miscellaneous
midsupply
The analog midsupply, effectively signal ground, is derived from a resistive divider connected between VCC and
GND to produce VCC/2 at REF. This voltage is buffered by a pair of low output impedance amplifiers to produce
midrail supplies for the receive and transmit sections at BBRX and VBTX, respectively, with separate midrails used
to minimize coupling between the receive and transmit circuits. REF, VBTX, and VBRX should be decoupled to
ground with capacitors physically mounted as close to the device as possible. VBTX and VBRX directly control
the 0-dB point of the compressor and expander, respectively, so it is important that a stable and well-regulated
supply is provided to VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com