Electronic Components Datasheet Search
  English  ▼

X  

TCM8000FN Datasheet(PDF) 7 Page - Texas Instruments

Part # TCM8000FN
Description  CELLULAR TELEPHONE AUDIO PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM8000FN Datasheet(HTML) 7 Page - Texas Instruments

Back Button TCM8000FN Datasheet HTML 3Page - Texas Instruments TCM8000FN Datasheet HTML 4Page - Texas Instruments TCM8000FN Datasheet HTML 5Page - Texas Instruments TCM8000FN Datasheet HTML 6Page - Texas Instruments TCM8000FN Datasheet HTML 7Page - Texas Instruments TCM8000FN Datasheet HTML 8Page - Texas Instruments TCM8000FN Datasheet HTML 9Page - Texas Instruments TCM8000FN Datasheet HTML 10Page - Texas Instruments TCM8000FN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TCM8000
CELLULAR TELEPHONE AUDIO PROCESSOR
SCTS041A – D4086, AUGUST 1992 – REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
7
Table 1. Register Definitions
AD3
AD2
AD1
AD0
D3
D2
D1
D0
FUNCTION
0
0
0
0
VC3
VC2
VC1
VC0
Volume control
VC3 –VC0 set the output level on HFO and HSO in 2-dB steps from – 16 dB
<0000> to 14 dB <1111> relative to nominal, <1000>
0
0
0
1
TX3
TX2
TX1
TX0
TXTRIM gain adjust
TX3 –TX0 set the main transmit output level in 0.5-dB steps from – 4 dB
<0000> to 3.5 dB <1111> relative to nominal, <1000>
0
0
1
0
SBY
RTM
RVM
CTM
SBY: Standby/ active control, when set to 1, all sections of the device are
active; when set to 0, all sections apart from from the receive data path are
disabled.
RTM: Receive DTMF/tone mute, 1 = mute, 0 = enabled
RVM: Receive voice mute, 1 = mute, 0 = active
CTM: Call tone mute, 1 = mute, 0 = active
0
0
1
1
HSS
TSM
TVM
TDM
HSS: Handset select, 1 selects HSO RX output and M1 preamplifier,
0 selects HFO output and M2 preamplifier
TSM: TXSUM mute, 1 = mute, 0 = active
TVM: Transmit voice mute, 1 = mute, 0 = active
TDM: Transmit data-path mute, 1 = mute, 0 = active
0
1
0
0
–
NAT
TTS
CEN
NAT: NMT– AMPS/TACS select, 1 = NMT, 0 = AMPS/TACS
TTS: Transmit DTMF/tone select, 1 = DTMF/tone, 0 = TX voice
CEN: Compandor enable, 1 = compressor/expander enabled,
0 = bypassed (0-dB gain)
0
1
0
1
RX3
RX2
RX1
RX0
RXTRIM gain adjust
RX3 –RX0 set the main transmit output level in 0.5-dB steps from – 4 dB
<0000> to 3.5 dB <1111> relative to nominal, <1000>
0
1
1
0
STM
ST2
ST1
ST0
SATTRIM gain adjust
ST3 –ST0 set the receive SAT gain in 1-dB steps from – 4 dB <000> to 3 dB
<111> relative to nominal, <100>,
STM: Receive SAT path mute, 1 = mute, 0 = active
0
1
1
1
MT3
MT2
MT1
MT0
MICTRIM gain adjust
MT3 –MT0 set the microphone trim gain in 0.5-dB steps from – 4 dB <0000>
to 3.5 dB <1111> relative to nominal, <1000>
1
X
X
X
DA3
DA2
DA1
DA0
DAC control
DA3 –DA0 set the level on the DAC output from 0 <0000> to VBRX <1111>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com