Electronic Components Datasheet Search
  English  ▼

X  

TCM8000FN Datasheet(PDF) 9 Page - Texas Instruments

Part # TCM8000FN
Description  CELLULAR TELEPHONE AUDIO PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM8000FN Datasheet(HTML) 9 Page - Texas Instruments

Back Button TCM8000FN Datasheet HTML 5Page - Texas Instruments TCM8000FN Datasheet HTML 6Page - Texas Instruments TCM8000FN Datasheet HTML 7Page - Texas Instruments TCM8000FN Datasheet HTML 8Page - Texas Instruments TCM8000FN Datasheet HTML 9Page - Texas Instruments TCM8000FN Datasheet HTML 10Page - Texas Instruments TCM8000FN Datasheet HTML 11Page - Texas Instruments TCM8000FN Datasheet HTML 12Page - Texas Instruments TCM8000FN Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TCM8000
CELLULAR TELEPHONE AUDIO PROCESSOR
SCTS041A – D4086, AUGUST 1992 – REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
9
transmit path specifications, VCC = 5 V, fxtal = 3.58 MHz (continued)
M1/M2 to TXO frequency response, NMT mode, TXLIM = 2.5 V, input = 20 mVrms, TXTRIM = <1000>,
MICTRIM = <1000>, compressor bypassed (see Figures 3 and 4 and Table 1)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Gain
f = 1 kHz
11.5
13.5
dB
f = 100 Hz
–19
f = 300 Hz
– 13.1
– 9.5
f = 500 Hz
–7
–5
f = 2 kHz
5
7
Relative gain
f = 3 kHz
7.7
10.5
dB
f = 3.4 kHz
6.6
11.6
f = 3.94 kHz
–40
f = 4.06 kHz
–40
f = 10 kHz
– 16.5
M1/M2 to TXO frequency response, AMPS/TACS mode, TXLIM = 2.5 V, input = 20 mVrms, TXTRIM = <1000>,
MICTRIM = <1000>, compressor bypassed (see Figures 5 and 6 and Table 1)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Gain
f = 1 kHz
11.5
13.5
dB
f = 100 Hz
–19
f = 300 Hz
– 13.1
– 9.5
f = 500 Hz
–7
–5
f = 2 kHz
5
7
Relative gain
f = 2.75 kHz
6.8
9.8
dB
Relative gain
f = 3 kHz
5.5
10.5
dB
f = 3.1 kHz
10.8
f = 5.9 kHz
–25
f = 6.1 kHz
–25
f = 10 kHz
–19
TXSUM to TXO gain adjust, input = 100 mVrms at 1 kHz (see Table 1)
PARAMETER
MIN
MAX
UNIT
Gain, TXTRIM = <1000>
±1
dB
Step size
0.4
0.6
dB
Positive range
3
4
dB
Negative range
– 4.5
– 3.5
dB
compressor gain characteristics, M1/M2 to TXO, f = 1 kHz, MICTRIM = <1000> (see Figure 2 for external
components)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Gain (reference)
M1/M2 = 100 mVrms
11
13
dB
M1/M2 = 100 mV+ 3 dB
1
2
Relative gain
M1/M2 = 100 mV – 25 dB
–13
–12
dB
M1/M2 = 100 mV – 50 dB
– 25.5
–24.5
TX limiter, peak-to-peak output at TXO relative to nominal output, M1/M2 = 1 Vrms at 1 kHz,
MICTRIM = <1000>, compressor enabled, nominal output measured at TXO for 100 mVrms input at M1/M2
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
TXLIM = 500 mV
1.25
TXLIM = 550 mV
1.35
Peak-to-peak output
TXLIM = 600 mV
1.45
V/V
TXLIM = 650 mV
1.55
TXLIM = 800 mV
1.85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com