Electronic Components Datasheet Search
  English  ▼

X  

TCM8000FN Datasheet(PDF) 11 Page - Texas Instruments

Part # TCM8000FN
Description  CELLULAR TELEPHONE AUDIO PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM8000FN Datasheet(HTML) 11 Page - Texas Instruments

Back Button TCM8000FN Datasheet HTML 7Page - Texas Instruments TCM8000FN Datasheet HTML 8Page - Texas Instruments TCM8000FN Datasheet HTML 9Page - Texas Instruments TCM8000FN Datasheet HTML 10Page - Texas Instruments TCM8000FN Datasheet HTML 11Page - Texas Instruments TCM8000FN Datasheet HTML 12Page - Texas Instruments TCM8000FN Datasheet HTML 13Page - Texas Instruments TCM8000FN Datasheet HTML 14Page - Texas Instruments TCM8000FN Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TCM8000
CELLULAR TELEPHONE AUDIO PROCESSOR
SCTS041A – D4086, AUGUST 1992 – REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
11
receive path specifications, VCC = 5 V, fxtal = 3.58 MHz
RXIN to RXO, RXTRIM, RXIN = 100 mVrms at 1 kHz (see Table 1)
PARAMETER
MIN
MAX
UNIT
Gain, RXTRIM = <1000>
–7
–5
dB
Step size
0.4
0.6
dB
Positive range
3
4
dB
Negative range
– 4.5
– 3.5
dB
RXIN to HFO/HSO frequency response, RXIN = 60 mVrms, RXTRIM = <1000>, VC = <1000>, expander
bypassed (see Figures 9 and 10 and Table 1)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Gain
f = 1 kHz
–7
–5
dB
f = 100 Hz
–30
f = 240 Hz
13.4
f = 300 Hz
7.9
11.5
f = 500 Hz
5
7
Relative gain
f = 2 kHz
–7
–5
dB
f = 3 kHz
–12
– 8.5
f = 3.4 kHz
–17
– 9.6
f = 4 kHz
–40
f = 10 kHz
–40
CTI to HFO/HSO, volume control, CTI = 100 mVrms at 1 kHz (see Table 1)
PARAMETER
MIN
MAX
UNIT
Gain, VC = <1000>
0
2
dB
Step size
1.8
2.2
dB
Positive range
13.5
14.5
dB
Negative range
– 16.5
– 15.5
dB
ST/TDI to HFO/HSO gain, ST/TDI = 100 mVrms at 1 kHz, VC = <1000> (see Table 1)
PARAMETER
MIN
MAX
UNIT
Gain ST to HSO
–7
–5
dB
Gain to TDI to HSO/HFO
±1
dB
expander gain characteristics, RXIN to HSO/HFO, f = 1 kHz, RXTRIM = <1000>, VC = <1000> (see Figure 2)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Gain (reference)
RXIN = 200 mVrms
±1
dB
RXIN = 200 mV + 3 dB
2
4
Expanded relative gain
RXIN = 200 mV – 12.5 dB
– 13.5
– 11.5
dB
RXIN = 200 mV – 25 dB
–23
–21
RX limiter, peak-to-peak output at HSO vs RXLIM, RXIN = 500 mVrms at 1 kHz, RXTRIM = <1000>, VC = <1000>,
expander enabled
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
RXLIM = 750 mV
1.6
Peak-to-peak output
RXLIM = 850 mV
1.8
VPP
RXLIM = 950 mV
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com