Electronic Components Datasheet Search
  English  ▼

X  

TCM8000FN Datasheet(PDF) 2 Page - Texas Instruments

Part # TCM8000FN
Description  CELLULAR TELEPHONE AUDIO PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM8000FN Datasheet(HTML) 2 Page - Texas Instruments

  TCM8000FN Datasheet HTML 1Page - Texas Instruments TCM8000FN Datasheet HTML 2Page - Texas Instruments TCM8000FN Datasheet HTML 3Page - Texas Instruments TCM8000FN Datasheet HTML 4Page - Texas Instruments TCM8000FN Datasheet HTML 5Page - Texas Instruments TCM8000FN Datasheet HTML 6Page - Texas Instruments TCM8000FN Datasheet HTML 7Page - Texas Instruments TCM8000FN Datasheet HTML 8Page - Texas Instruments TCM8000FN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
functional block diagram
DCLK
RXTRIM
±4 dB
RXBP
Filter
–6 dB
Expander
EBP
RXSW
Volume
Control
±15 dB
LSSW
Receive
Data
Filter
SAT
Filter
SATTRIM
– 0 dB/7dB
DAC
+
–
+
–
Transmit
Data
Filter
MICSW
MICTRIM
±4 dB
TDSW
CBP
TXLP1
Filter
6 dB
Limiter
TXSW
TXTRIM
±4 dB
DATA
LOAD
Compressor
OSC
TXLP2
Filter
6 dB
4
RXO EXIN
ETC
4
EXO RXVI
CTI
RXLIM
ST
41
1
3
1
4
3
1
4
1
1
RXIN
VCC
REF
GND
VBRX
VBTX
TXDA
M1O
M1P
M1N
M2P
M2N
M2O
CIN CVE
CTC CMPR
TXVI
TXLIM
POUT
LIMIN
TXSUM
HSO
HFO
RXDO
DAC
PSO
XT0
XT1
TXO
10
11
9
7
42
21
20
40
18
1
3
2
19
44
22
24
25
26
27
23
CO
TDI
TXVO
28
5
6
43
36
Digital
Control
29
30
31
33
32
35
34
36
38
39
37
41
416
17
15
14
13
8
12
Σ
Σ
3
A1
A2
Pin numbers shown are for the FN package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com