Electronic Components Datasheet Search
  English  ▼

X  

TCM8000FN Datasheet(PDF) 14 Page - Texas Instruments

Part # TCM8000FN
Description  CELLULAR TELEPHONE AUDIO PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM8000FN Datasheet(HTML) 14 Page - Texas Instruments

Back Button TCM8000FN Datasheet HTML 10Page - Texas Instruments TCM8000FN Datasheet HTML 11Page - Texas Instruments TCM8000FN Datasheet HTML 12Page - Texas Instruments TCM8000FN Datasheet HTML 13Page - Texas Instruments TCM8000FN Datasheet HTML 14Page - Texas Instruments TCM8000FN Datasheet HTML 15Page - Texas Instruments TCM8000FN Datasheet HTML 16Page - Texas Instruments TCM8000FN Datasheet HTML 17Page - Texas Instruments TCM8000FN Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
RXIN
REF
VCC
VBRX
VBTX
TXDA
M1O
M1P
M1N
M2P
M2N
M2O
DCLK
DATA
LOAD
5
6
43
CIN
CVE
CTC
CMPR
TXLIM
POUT
LIMIN
TXSUM
CO
TDI
TXVO
29
30
31
33
32
35
34
36
38
39
37
41
TXVI
32
19
44
22
24
25
26
27
23
28
GND
1
18
416
17
15
14
RXO
EXIN
ETC
EXO
RXVI
13
8
12
CTI RXLIM ST
HSO
HFO
RXDO
DAC
PSO
XT0
XT1
TXO
10
11
9
42
7
20
21
40
20 k
Ω
3 Places
3.58
MHz
100 nF
220 nF
100 nF
100 nF
100 nF
100 nF
500
Ω
100 nF
100 nF
100 nF
100 nF
100 nF
100 nF
100 nF
47 k
Ω
47 k
Ω
47 k
Ω
47 k
Ω
10
µF
100 nF
100 nF
100 nF
100 k
Ω
100 nF
100 k
Ω
47 pF
100 nF
20 k
Ω
220
nF
100
nF
220 nF
3 Places
100 nF
HSO
HFO
RXDO
DAC
PSO
TXO
TXSUM
TXLIM
TDI
GND
VCC
TXDA
M1N
M2N
DCLK
DATA
LOAD
RXIN
CTI
RXLIM
ST
TCM8000
Pin numbers shown are for the FN package only.
Figure 2. Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com