Electronic Components Datasheet Search
  English  ▼

X  

TCM8000FN Datasheet(PDF) 10 Page - Texas Instruments

Part # TCM8000FN
Description  CELLULAR TELEPHONE AUDIO PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM8000FN Datasheet(HTML) 10 Page - Texas Instruments

Back Button TCM8000FN Datasheet HTML 6Page - Texas Instruments TCM8000FN Datasheet HTML 7Page - Texas Instruments TCM8000FN Datasheet HTML 8Page - Texas Instruments TCM8000FN Datasheet HTML 9Page - Texas Instruments TCM8000FN Datasheet HTML 10Page - Texas Instruments TCM8000FN Datasheet HTML 11Page - Texas Instruments TCM8000FN Datasheet HTML 12Page - Texas Instruments TCM8000FN Datasheet HTML 13Page - Texas Instruments TCM8000FN Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TCM8000
CELLULAR TELEPHONE AUDIO PROCESSOR
SCTS041A – D4086, AUGUST 1992 – REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
10
transmit path specifications, VCC = 5 V, fxtal = 3.58 MHz (continued)
total harmonic distortion at TXO vs TXLIM, M1/M2 = 100 mVrms at 1 kHz, MICTRIM = <1000>,
TXTRIM = <1000>, compressor enabled
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
TXLIM = 500 mV
10%
Total harmonic distortion
TXLIM = 550 mV
4%
Total harmonic distortion
TXLIM = 600 mV
1%
TXLIM = 800 mV
1%
noise at TXO, M1/M2 = VBTX, MICTRIM = <1000>, TXTRIM = <1000>, compressor enabled (see Table 1)
PARAMETER
MIN
MAX
UNIT
Psophometrically-weighted rms noise
4
mV
transmit path switch attenuation (see Table 1)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
MICSW, HSS = 0/1
50
TDSW, TTS = 0/1
50
Attenuation
TXVOICE, TVM = 1
50
dB
Attenuation
TXSUM, TSM = 1
50
TXDATA, TDM = 1
50
TDI to TXO gain, TDI = 100 mVrms at 1 kHz, TXTRIM = <1000> (see Table 1)
PARAMETER
MIN
MAX
UNIT
Gain
11
13
dB
transmit data frequency response, NMT mode, TXDA = 275 mVrms, TXTRIM = <1000>(see Figure 7 and
Table 1)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Gain
f = 1.5 kHz
2
4
dB
f = 100 Hz
–22
f = 700 Hz
– 7.6
– 5.6
Relative gain
f = 2.1 kHz
1.9
2.9
dB
Relative gain
f = 2.3 kHz
4.7
dB
f = 3.5 kHz
4.7
f = 100 kHz
–25
transmit data frequency response, AMPS/TACS mode, TXDA = 400 mVrms, TXTRIM = <1000>(see Figure 8
and Table 1)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Gain
f = 1 kHz
±1
dB
f = 8 kHz
±1
Relative gain
f = 16 kHz
–6
1
dB
Relative gain
f = 30 kHz
–18
dB
f = 100 kHz
–18
digital-to-analog converter, measured at DAC (see Table 1 for codes)
PARAMETER
MIN
MAX
UNIT
Output code <0000>
50
mV
Output code <1111>, relative VBRX
– 100
0
mV
DNL, typical step size = 160 mV
0.5
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com