Electronic Components Datasheet Search
  English  ▼

X  

TAS5414 Datasheet(PDF) 37 Page - Texas Instruments

Part # TAS5414
Description  FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5414 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TAS5414 Datasheet HTML 33Page - Texas Instruments TAS5414 Datasheet HTML 34Page - Texas Instruments TAS5414 Datasheet HTML 35Page - Texas Instruments TAS5414 Datasheet HTML 36Page - Texas Instruments TAS5414 Datasheet HTML 37Page - Texas Instruments TAS5414 Datasheet HTML 38Page - Texas Instruments TAS5414 Datasheet HTML 39Page - Texas Instruments TAS5414 Datasheet HTML 40Page - Texas Instruments TAS5414 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
www.ti.com
Parallel Operation (PBTL)
DEMODULATION FILTER DESIGN
THERMAL INFORMATION
TAS5414
TAS5424
SLOS514 – FEBRUARY 2007
APPLICATION INFORMATION (continued)
TAS5414 and TAS5424 can be used to drive four 4
Ω loads, two 2Ω loads, or even one 1Ω load by paralleling
BTL channels on the load side of the LC output filter. For parallel operation, identical I2C settings are required
for any two paralleled channels (especially gain and current-limit settings) in order to have reliable system
performance and evenly dissipated power on multiple channels. Having identical gain and current-limit settings
can also prevent energy feeding back from one channel to the other. For smooth power up, power down, and
mute operation, the same control commands (such as mute, play, Hi-Z, etc.) should be sent to the paralleled
channels at the same time. Load diagnostic is also supported for parallel connection. Paralleling on the
TAS5414 and TAS5424 side of the LC output filter is not supported, and can result in device failure.
The TAS5414 and TAS5424 amplifier outputs are driven by high-current LDMOS transistors in an H-bridge
configuration. These transistors are either off or fully on. The result is a square-wave output signal with a duty
cycle that is proportional to the amplitude of the audio signal. It is recommended that a second-order LC filter be
used to recover the audio signal. The main purpose of the demodulation filter is to attenuate the high-frequency
components of the output signals that are out of the audio band. Design of the demodulation filter significantly
affects the audio performance of the power amplifier. Therefore, to meet the device THD+N specification, the
selection of the inductors used in the output filter should be carefully considered. The rule is that the inductance
should remain stable within the range of peak current seen at maximum output power and deliver approximately
5
µH of inductance at 16 A. If this rule is observed, the TAS5414 and TAS5424 should not have distortion issues
due to the output inductors. Another parameter to be considered is the idle-current loss in the inductor. This can
be measured or specified as inductor dissipation (D). The target specification for dissipation is less than 0.05. If
the dissipation factor is above this value, idle current increases. In general, 10-
µH inductors suffice for most
applications. The frequency response of the amplifier is slightly altered by the change in output load resistance;
however, unless tight control of frequency response is necessary (better than 0.5 dB), it is not necessary to
deviate from 10
µH.
The thermally augmented package provided with the TAS5414 and TAS5424 is designed to interface directly to
heat sinks using a thermal interface compound (for example, Artic Silver, Ceramique thermal compound.) The
heat sink then absorbs heat from the ICs and couples it to the local air. If louvers or fans are supplied, this
process can reach equilibrium and heat can be continually removed from the ICs. Because of the efficiency of
the TAS5414 and TAS5424, heat sinks can be smaller than those required for linear amplifiers of equivalent
performance.
RθJA is a system thermal resistance from junction to ambient air. As such, it is a system parameter with the
following components:
• Rθ
JC (the thermal resistance from junction to case, or in this case the heat slug)
• Thermal grease thermal resistance
• Heat sink thermal resistance
The thermal grease thermal resistance can be calculated from the exposed heat slug area and the thermal
grease manufacturer's area thermal resistance (expressed in
°C-in2/W or °C-mm2/W). The area thermal
resistance of the example thermal grease with a 0.001-inch (0.0254-mm) thick layer is about 0.007
°C-in2/W
(4.52
°C-mm2/W). The approximate exposed heat slug size is as follows:
TAS5424, 44-pin PSOP3
…………………. 0.124 in2 (80 mm2)
TAS5414, 36-pin PSOP3
…………………. 0.124 in2 (80 mm2)
Dividing the example thermal grease area resistance by the area of the heat slug gives the actual resistance
through the thermal grease for both parts:
TAS5424, 44-pin PSOP3
………………… 0.40°C/W
TAS5414, 36-pin PSOP3
………………… 0.40°C/W
37
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com