Electronic Components Datasheet Search
  English  ▼

X  

TAS5414 Datasheet(PDF) 28 Page - Texas Instruments

Part # TAS5414
Description  FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5414 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TAS5414 Datasheet HTML 24Page - Texas Instruments TAS5414 Datasheet HTML 25Page - Texas Instruments TAS5414 Datasheet HTML 26Page - Texas Instruments TAS5414 Datasheet HTML 27Page - Texas Instruments TAS5414 Datasheet HTML 28Page - Texas Instruments TAS5414 Datasheet HTML 29Page - Texas Instruments TAS5414 Datasheet HTML 30Page - Texas Instruments TAS5414 Datasheet HTML 31Page - Texas Instruments TAS5414 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
www.ti.com
EMI Considerations
AM Radio EMI Reduction
Operating States
TAS5414
TAS5424
SLOS514 – FEBRUARY 2007
Automotive level EMI performance depends on both careful integrated circuit design and good system level
design. Controlling sources of electromagnetic interference (EMI) was a major consideration in all aspects of the
TAS5414 and TAS5424 design.
The TAS5414 and TAS5424 have minimal parasitic inductances due to the short leads on the PSOP3 package.
This dramatically reduces the EMI that results from current passing from the die to the system PCB. Each
channel of the TAS5414 and TAS5424 also operates at a different phase. The phase between channels is I2C
selectable to either 45° or 90°, to reduce EMI caused by high-current switching. The TAS5414 and TAS5424
incorporate patent-pending circuitry that optimizes output transitions that cause EMI.
To reduce interference in the AM radio band, the TAS5414 and TAS5424 have the ability to change the
switching frequency via I2C commands. The recommended frequencies are listed in Table 21. The fundamental
frequency and its second harmonic straddle the AM radio band listed. This eliminates the tones that can be
present due to the switching frequency being demodulated by the AM radio. To function properly, AM avoidance
requires the use of a 20-k
Ω, 1% tolerance Rext resistor.
Table 21. Recommended Switching Frequencies for AM Mode Operation
US
EUROPEAN
SWITCHING
SWITCHING
AM FREQUENCY
AM FREQUENCY
FREQUENCY
FREQUENCY
(kHz)
(kHz)
(kHz)
(kHz)
522-540
417
540–917
500
540–914
500
917–1125
417
914–1122
417
1125–1375
500
1122–1373
500
1375–1547
417
1373–1548
417
1547–1700
357
1548–1701
357
The operating regions, or states, of the TAS5414 and TAS5424 are depicted in the following tables.
Table 22. Operating States and Supplies
STATE NAME
OUTPUT FETS
CHARGE PUMP
OSCILLATOR
I2C
AVDD and DVDD
STANDBY
Hi-Z, floating
Stopped
Stopped
Stopped
OFF
Hi-Z
Hi-Z, weak pulldown
Active
Active
Active
ON
Mute
Switching at 50%
Active
Active
Active
ON
Normal operation
Switching with audio
Active
Active
Active
ON
Table 23. Global Faults and Actions
LATCHED/
FAULT/
FAULT/EVENT
MONITORING
REPORTING
ACTION
ACTION
SELF-
EVENT
CATEGORY
MODES
METHOD
TYPE
RESULT
CLEARING
POR
Voltage fault
All
FAULT pin
Hard mute (no ramp)
Standby
Self-clearing
UV
Hi-Z, mute, normal
I2C + FAULT pin
Hi-Z
CP UV
Hi-Z
OV
Hi-Z
Load dump
All
FAULT pin
Standby
OTW
Thermal warning
Hi-Z, mute, normal
I2C + CLIP_OTW pin
None
None
Self-clearing
OT
Thermal fault
Hi-Z, mute, normal
I2C + FAULT pin
Hard mute
Standby
Self-clearing
28
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com