Electronic Components Datasheet Search
  English  ▼

X  

TAS5414 Datasheet(PDF) 27 Page - Texas Instruments

Part # TAS5414
Description  FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5414 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TAS5414 Datasheet HTML 23Page - Texas Instruments TAS5414 Datasheet HTML 24Page - Texas Instruments TAS5414 Datasheet HTML 25Page - Texas Instruments TAS5414 Datasheet HTML 26Page - Texas Instruments TAS5414 Datasheet HTML 27Page - Texas Instruments TAS5414 Datasheet HTML 28Page - Texas Instruments TAS5414 Datasheet HTML 29Page - Texas Instruments TAS5414 Datasheet HTML 30Page - Texas Instruments TAS5414 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
www.ti.com
Hardware Control Pins
TAS5414
TAS5424
SLOS514 – FEBRUARY 2007
Table 18. External Control Register 6 (0x0D) Output Control
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
0
0
0
Low-low state disabled all channels
–
–
–
–
–
–
–
1
Set channel 1 to low-low state
–
–
–
–
–
–
1
–
Set channel 2 to low-low state
–
–
–
–
–
1
–
–
Set channel 3 to low-low state
–
–
–
–
1
–
–
–
Set channel 4 to low-low state
X
X
X
X
–
–
–
–
Reserved
Table 19. External Control Register 7 (0x0E) Positive DC Detect Threshold Selection
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
1
0
0
0
1
1
1
0
Default positive dc detect value
0
1
1
0
0
1
0
1
Minimum positive dc detect value
X
X
X
X
X
X
X
X
See Figure 11 to set positive dc detect value
1
1
0
0
1
0
1
1
Maximum positive dc detect value
Table 20. External Control Register 8 (0x0F) Negative DC Detect Threshold Selection
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
1
1
1
1
0
1
Default negative dc detect value
0
1
1
0
0
1
0
1
Minimum negative dc detect value
X
X
X
X
X
X
X
X
See Figure 12 to set negative dc detect value
0
0
0
0
0
0
0
0
Maximum negative dc detect value
The TAS5414 and TAS5424 incorporate four discrete hardware pins for real-time control and indication of device
status.
FAULT pin: This active-low, open-drain output pin indicates the presence of a fault condition that requires
the TAS5414 and TAS5424 to go automatically into the Hi-Z mode or standby mode. When this pin is
asserted high, the device has acted to protect itself and the system from potential damage. The exact nature
of the fault can be read via I2C with the exception of faults that are the result of PVDD voltage excursions
above 25 Vdc or below 5.5 Vdc. In these instances, the device goes into standby mode and the I2C bus is
no longer operational. However, the fault is still indicated due to the fact that the FAULT pin is open-drain
and active-high.
CLIP_OTW pin: The function of this active-high pin is configured by the user to indicate one of the following
conditions: overtemperature warning, the detection of clipping, or the logical OR of both of these conditions.
The configuration is selected via I2C. During tweeter detect diagnostics, this pin also is asserted when a
tweeter is present.
MUTE pin: This active-low pin is used for hardware control of the mute/unmute function for all four channels.
Capacitor CMUTE is used to control the time constant for the gain ramp needed to produce a pop- and
click-free mute function. For pop- and click-free operation, the mute function should be implemented through
I2C commands. The use of a hard mute with an external transistor does not ensure pop- and click-free
operation, and is not recommended unless an emergency hard mute function is required in case of a loss of
I2C control. The value of CMUTE must be 330 nF for proper pop- and click-free operation.
STANDBY pin: When this active-low pin is asserted, the device goes into a complete shutdown, and current
draw is limited to 2
µA, typical. This is pin typically asserted when the car ignition is in the off position. It can
also be used to shut down the device rapidly when certain operating conditions are violated. All I2C register
content is lost when this pin is asserted. The I2C bus goes into the high-impedance state when the
STANDBY pin is asserted.
27
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com