Electronic Components Datasheet Search
  English  ▼

X  

TAS5414 Datasheet(PDF) 16 Page - Texas Instruments

Part # TAS5414
Description  FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5414 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS5414 Datasheet HTML 12Page - Texas Instruments TAS5414 Datasheet HTML 13Page - Texas Instruments TAS5414 Datasheet HTML 14Page - Texas Instruments TAS5414 Datasheet HTML 15Page - Texas Instruments TAS5414 Datasheet HTML 16Page - Texas Instruments TAS5414 Datasheet HTML 17Page - Texas Instruments TAS5414 Datasheet HTML 18Page - Texas Instruments TAS5414 Datasheet HTML 19Page - Texas Instruments TAS5414 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
www.ti.com
Power FETs
Load Diagnostics
OUT1P
OUT1M
V
(OUT1M–OUT1P)
Speaker
Playback
/
Mute
Hi-Z
ChannelSynchronization
Phase1
Phase2
Phase3
Phase4
S2G
100ms
<100ms
S2P
100ms
OL
150ms
SL
150ms
~50ms
~50ms
~50ms
~50ms
~50ms
~50ms
~50ms
~50ms
T0188-01
TAS5414
TAS5424
SLOS514 – FEBRUARY 2007
DESCRIPTION OF OPERATION (continued)
The BTL output for each channel comprises four rugged N-channel 30-V FETs, each of which has an RDSon of
75 m
Ω for high efficiency and maximum power transfer to the load. These FETs are designed to handle large
voltage transients during load dump.
The TAS5414 and TAS5424 incorporate load diagnostic circuitry designed to help pinpoint the nature of output
misconnections during installation. The TAS5414 and the TAS5424 include functions for detecting and
determining the status of output connections. The following diagnostics are supported:
• Short to GND
• Short to PVDD
• Short across load (R < 1 Ω, typical)
• Open load (R > 800 Ω, typical)
• Tweeter detection
The presence of any of the short or open conditions is reported to the system via I2C register read. The tweeter
detect status can be read from the CLIP_OTW pin when properly configured.
1. Output Short and Open Diagnostics—The TAS5414 and TAS5424 contain circuitry designed to detect
shorts and open conditions on the outputs. The load diagnostic function can only be invoked when the
output is in the Hi-Z mode. There are four phases of test during load diagnostics and two levels of test. In
the full level, all channels must be in the Hi-Z state. All four phases are tested on each channel, all four
channels at the same time. When fewer than four channels are in Hi-Z, the reduced level of test is the
only available option. In the reduced level, only short to PVDD and short to GND can be tested. Load
diagnostics can occur at power up before the amplifier is moved out of Hi-Z mode. If the amplifier is
already in play mode, it must Mute and then Hi-Z before the load diagnostic can be performed. By
performing the mute function, the normal pop- and click-free transitions occur before the diagnostics
begin. The diagnostics are performed as shown in Figure 13. Figure 14 shows the impedance ranges for
the open-load and shorted-load diagnostics. The results of the diagnostic are read from the diagnostic
register for each channel via I2C. Note: Do not send a command via I2C to register 0x0C during the load
diagnostic test.
Figure 13. Load Diagnostics Sequence of Events
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com