Electronic Components Datasheet Search
  English  ▼

X  

TAS5414 Datasheet(PDF) 25 Page - Texas Instruments

Part # TAS5414
Description  FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5414 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TAS5414 Datasheet HTML 21Page - Texas Instruments TAS5414 Datasheet HTML 22Page - Texas Instruments TAS5414 Datasheet HTML 23Page - Texas Instruments TAS5414 Datasheet HTML 24Page - Texas Instruments TAS5414 Datasheet HTML 25Page - Texas Instruments TAS5414 Datasheet HTML 26Page - Texas Instruments TAS5414 Datasheet HTML 27Page - Texas Instruments TAS5414 Datasheet HTML 28Page - Texas Instruments TAS5414 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
www.ti.com
TAS5414
TAS5424
SLOS514 – FEBRUARY 2007
Table 10. External Status Register 2 (0x05) Output State of Individual Channels
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
1
1
1
1
Output is in Hi-Z mode, not in low-low mode(1), default value
–
–
–
–
–
–
–
0
Channel 1 Hi-Z mode (0 = not Hi-Z, 1 = Hi-Z)
–
–
–
–
–
–
0
–
Channel 2 Hi-Z mode (0 = not Hi-Z, 1 = Hi-Z)
–
–
–
–
–
0
–
–
Channel 3 Hi-Z mode (0 = not Hi-Z, 1 = Hi-Z)
–
–
–
–
0
–
–
–
Channel 4 Hi-Z mode (0 = not Hi-Z, 1 = Hi-Z)
–
–
–
1
–
–
–
–
Channel 1 low-low mode (0 = not low-low, 1 = low-low)(1)
–
–
1
–
–
–
–
–
Channel 2 low-low mode (0 = not low-low, 1 = low-low)(1)
–
1
–
–
–
–
–
–
Channel 3 low-low mode (0 = not low-low, 1 = low-low)(1)
1
–
–
–
–
–
–
–
Channel 4 low-low mode (0 = not low-low, 1 = low-low)(1)
(1)
Low-low is defined as both outputs actively pulled to ground.
Table 11. External Status Register 3 (0x06) Play and Mute Modes
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
0
0
0
Mute mode is enabled, play mode disabled, default value
–
–
–
–
–
–
–
1
Channel 1 play mode is enabled
–
–
–
–
–
–
1
–
Channel 2 play mode is enabled
–
–
–
–
–
1
–
–
Channel 3 play mode is enabled
–
–
–
–
1
–
–
–
Channel 4 play mode is enabled
–
–
–
1
–
–
–
–
Channel 1 mute mode is disabled
–
–
1
–
–
–
–
–
Channel 2 mute mode is disabled
–
1
–
–
–
–
–
–
Channel 3 mute mode is disabled
1
–
–
–
–
–
–
–
Channel 4 mute mode is disabled
Table 12. External Status Register 4 (0x07) Load Diagnostics
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
0
0
0
No channels are set in load diagnostics mode, default value
–
–
–
–
–
–
–
1
Channel 1 is in load diagnostics mode
–
–
–
–
–
–
1
–
Channel 2 is in load diagnostics mode
–
–
–
–
–
1
–
–
Channel 3 is in load diagnostics mode
–
–
–
–
1
–
–
–
Channel 4 is in load diagnostics mode
X
X
X
X
–
–
–
–
Reserved
Table 13. External Control Register 1 (0x08) Gain Select
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
1
0
1
0
1
0
1
0
Set gain for all channels to 26 dB, default value
–
–
–
–
–
–
0
0
Set channel 1 gain to 12 dB
–
–
–
–
–
–
0
1
Set channel 1 gain to 20 dB
–
–
–
–
–
–
1
1
Set channel 1 gain to 32 dB
–
–
–
–
0
0
–
–
Set channel 2 gain to 12 dB
–
–
–
–
0
1
–
–
Set channel 2 gain to 20 dB
–
–
–
–
1
1
–
–
Set channel 2 gain to 32 dB
–
–
0
0
–
–
–
–
Set channel 3 gain to 12 dB
–
–
0
1
–
–
–
–
Set channel 3 gain to 20 dB
–
–
1
1
–
–
–
–
Set channel 3 gain to 32 dB
0
0
–
–
–
–
–
–
Set channel 4 gain to 12 dB
0
1
–
–
–
–
–
–
Set channel 4 gain to 20 dB
1
1
–
–
–
–
–
–
Set channel 4 gain to 32 dB
25
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com