Electronic Components Datasheet Search
  English  ▼

X  

TAS5414 Datasheet(PDF) 23 Page - Texas Instruments

Part # TAS5414
Description  FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5414 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TAS5414 Datasheet HTML 19Page - Texas Instruments TAS5414 Datasheet HTML 20Page - Texas Instruments TAS5414 Datasheet HTML 21Page - Texas Instruments TAS5414 Datasheet HTML 22Page - Texas Instruments TAS5414 Datasheet HTML 23Page - Texas Instruments TAS5414 Datasheet HTML 24Page - Texas Instruments TAS5414 Datasheet HTML 25Page - Texas Instruments TAS5414 Datasheet HTML 26Page - Texas Instruments TAS5414 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
www.ti.com
TAS5414
TAS5424
SLOS514 – FEBRUARY 2007
Table 3. TAS5414/5424 I2C Addresses
SELECTABLE WITH
READ/WRITE
FIXED ADDRESS
I2C
ADDRESS PIN
BIT
DESCRIPTION
ADDRESS
MSB
6
5
4
3
2
1
LSB
TAS5414/5424 0
I2C WRITE
1
1
0
1
1
0
0
0
0xD8
(OSC MASTER)
I2C READ
1
1
0
1
1
0
0
1
0xD9
TAS5414/5424 1
I2C WRITE
1
1
0
1
1
0
1
0
0xDA
(OSC SLAVE1)
I2C READ
1
1
0
1
1
0
1
1
0xDB
TAS5414/5424 2
I2C WRITE
1
1
0
1
1
1
0
0
0xDC
(OSC SLAVE2)
I2C READ
1
1
0
1
1
1
0
1
0xDD
TAS5414/5424 3
I2C WRITE
1
1
0
1
1
1
1
0
0xDE
(OSC SLAVE3)
I2C READ
1
1
0
1
1
1
1
1
0xDF
Table 4. I2C Address Register Definitions
ADDRESS
R/W
REGISTER DESCRIPTION
0x00
R
Latched fault register 1, global and channel fault
0x01
R
Latched fault register 2, dc offset and overcurrent detect
0x02
R
Latched fault register 3, load diagnostics
0x03
R
Latched fault register 4, load diagnostics
0x04
R
External status register 1, temperature and voltage detect
0x05
R
External status register 2, Hi-Z and low-low state
0x06
R
External status register 3, mute and play modes
0x07
R
External status register 4, load diagnostics
0x08
R/W
External control register 1, channel gain select
0x09
R/W
External control register 2, dc offset reduction and current-limit select
0x0A
R/W
External control register 3, switching frequency and clip pin select
0x0B
R/W
External control register 4, load diagnostic, master mode select
0x0C
R/W
External control register 5, output state control
0x0D
R/W
External control register 6, output state control
0x0E
R/W
External control register 7, dc detect level select
0x0F
R/W
External control register 8, dc detect level select
Table 5. Fault Register 1 (0x00) Protection
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
0
0
0
No protection-created faults, default value
–
–
–
–
–
–
–
1
Overtemperature warning has occurred
–
–
–
–
–
–
1
–
DC offset has occurred in any channel
–
–
–
–
–
1
–
–
Overcurrent shutdown has occurred in any channel
–
–
–
–
1
–
–
–
Overtemperature shutdown has occurred
–
–
–
1
–
–
–
–
Charge pump undervoltage has occurred
–
–
1
–
–
–
–
–
AVDD, analog voltage, undervoltage has occurred
–
1
–
–
–
–
–
–
PVDD undervoltage has occurred
1
–
–
–
–
–
–
–
PVDD overvoltage has occurred
Table 6. Fault Register 2 (0x01) Protection
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
0
0
0
No protection-created faults, default value
–
–
–
–
–
–
–
1
Ovecurrent shutdown channel 1 has occurred
–
–
–
–
–
–
1
–
Overcurrent shutdown channel 2 has occurred
23
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com