Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Level measurement device with guided radar
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  8802 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Type 8188
3 | 17
Visit product website 
1.
General technical data
1.1. About the device:
The device is available with a rod, cable or coaxial measuring probe. The technical data depends on the variant of the level measure-
ment device with guided radar.
1.2. All variants
Product properties
Material
Please make sure the device materials are compatible with the fluid you are using. Detailed information can be found in chapter
“3.1. Chemical Resistance Chart – Bürkert resistApp” on page 6.
Non wetted parts
Cover
PC transparent
Housing
Plastic PBT (Polyester), PPS and stainless steel 316L (1.4404)
Grounding terminal and screw
Stainless steel 316L
Seal
Between housing and cover: EPDM
Cable gland
PA
Blind plug
PA
Wetted parts
Process seal
NBR with aramid fibres
Dimensions
Detailed information can be found in chapter “4. Dimensions” on page 7.
Measured quantity
Level of liquids. For solids applications, please contact your local Bürkert Sales Center.
Measuring range
Detailed information can be found in chapter “5.1. Measuring range and blocking dis-
tance diagram” on page 10.
Damping (63 % of the input variable)
0…999 s, adjustable
Product accessories
Display/configuration module
LCD in full dot matrix. Detailed information can be found in chapter “7.4. Ordering chart
accessories” on page 16
Performance data
Blocking distance
Detailed information can be found in chapter “5.1. Measuring range and blocking dis-
tance diagram” on page 10.
Measuring range resolution
< 1 mm
Measurement deviation1.)2.)
According to DIN EN 60770‑1: ± 2 mm
Detailed information can be found in chapter “5.2. Measurement deviation diagram” on
page 11.
Non-repeatability
≤ ± 1 mm (max.)
Measuring cycle time
< 500 ms
Step response time3.)
≤ 3 s
Temperature drift
• Digital output: ± 3 mm/10 K relating to the max. measuring range or max. 10 mm
• Current output: < 0.03 %/10K relating to the 16 mA span or ≤ 0.3 %
Filling/emptying speed
Max. 1 m/min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com