Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Level measurement device with guided radar
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Type 8188
6 | 17
Visit product website 
Weight
• Housing: 890 g
• Coaxial‑Ø 21.3 mm: approx. 1110 g/m
Probe length
0.3…6 m (lateral load: 60 Nm)
Medium data
Process temperature
- 40…+ 150 °C (- 40…+ 302 °F)
Process pressure
‑ 1…+ 40 bar (‑ 100…+ 4000 kPa/‑ 14.5…+ 580 psig)
Dynamic viscosity η
0.1…500 mPa s (requirement: with density 1)
Dielectric constant (min.)
ε
r > 1.4
2.
Approvals
2.1. Certifications
Note:
Devices with Ex certification have different technical data, see Supplement ATEX/IECEx Type 8188  under user manual.
Certification
Description
Explosion proof
EU‑Type Examination Certificate Number: TÜV 19 ATEX 260229X / IECEx TUN 19.0021X
ATEX
• II 1G Ex ia IIC T6…T1 Ga resp.
• II 1/2G Ex ia IIC T6…T1 Ga/Gb resp.
• II 2G Ex ia IIC T6…T1 Gb
IECEx
• Ex ia IIC T6…T1 Ga resp.
• Ex ia IIC T6…T1 Ga/Gb resp.
• Ex ia IIC T6…T1 Gb
Measures to comply with ATEX/IECEx requirements: refer to the Supplement ATEX/IECEx Type 8188  under
user manual.
The Ex. certification is only valid if the Bürkert device is used as described in the supplement ATEX/IECEx. If
unauthorized changes are made to the device, the Ex. certification becomes invalid.
3.
Materials
3.1. Chemical Resistance Chart – Bürkert resistApp
Bürkert resistApp – Chemical Resistance Chart
You want to ensure the reliability and durability of the materials in your individual
application case? Verify your combination of media and materials on our website or in
our resistApp.
Start Chemical Resistance Check



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com