Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Level measurement device with guided radar
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Type 8188
10 | 17
Visit product website 
5.
Performance specifications
5.1. Measuring range and blocking distance diagram
1
2
3
4
5
A
B
C
Range length
No. Description
A: rod variant
B: cable variant
C: coaxial variant
1
Reference plane
–
–
–
2
Measuring probe
length
0.3…6 m
0.5…75 m
0.3…6 m
3
Measurement range
In water: 0.08…6 m
In oil: 0.15…5.95 m
In water: 0.08…75 m
In oil: 0.15…74.85 m
In water: 0.03…6 m
In oil: 0.10…5.95 m
4
Upper blocking
distance
In water: 0.08 m
In oil: 0.15 m
In water: 0.08 m
In oil: 0.15 m
In water: 0.03 m
In oil: 0.10 m
5
Lower blocking
distance
In water: 0 m
In oil: 0.05 m
In water: 0 m
In oil: 0.15 m
In water: 0 m
In oil: 0.05 m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com