Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Level measurement device with guided radar
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  8802 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Type 8188
4 | 17
Visit product website 
Electrical data
Operating voltage (U
n)
• Without display/configuration module:
– 9.6…35 V DC
– 9.6…30 V DC (Ex ia instrument)
• With display/configuration module:
– 16…35 V DC
– 16…30 V DC (Ex ia instrument)
Power source (not supplied)
Limited power source according to UL/EN 60950-1 standards or limited energy circuit
according to UL/EN 61010-1 §9.4
DC reverse polarity protection
Yes
Residual ripple (for DC)
For 9.6 V < U
n < 18 V: ≤ 0.7 Veff (16…400 Hz)
For 18 V < U
n < 35 V: ≤ 1.0 Veff (16…400 Hz)
Overvoltage category according to
IEC 61010‑1
Category III
Protection class according to
IEC 61010‑1
Class III
Starting current
≤ 3.6 mA, ≤ 10 mA for 5 ms after the switching on
Load resistor
(U
n - Umin.)/0.022 A
Output
4…20 mA/HART
Range of the output signal
3.8…20.5 mA/HART (default setting)
Signal resolution
0.3 µA
Max. output current
21.5 mA
Fault signal
Current output: last valid measured value, ≥ 21 mA or < 3.6 mA (adjustable)
Voltage supply cable
• Cable diameter: 5…9 mm
• Wire cross-section (spring-loaded terminals):
– Massive wire, stranded wire: 0.2…2.5 mm2 (AWG 24…14)
– Stranded wire with end sleeve: 0.2…1.5 mm2 (AWG 24…16)
Process/Port connection & communication
Process connection
Thread G or NPT ‑ ¾", 1"
Electrical connection
Cable gland M20 x 1.5
Approvals and Certificates
Directives
CE directive
The applied standards, which verify conformity with the EU Directives, can be found on the
EU Type Examination Certificate and/or the EU Declaration of conformity (if applicable)
NAMUR recommendation
• NE21 – Electromagnetic compatibility of equipment
• NE43 – Signal level for fault information from measuring transducers
• NE53 ‑ Compatibility of field devices and display/adjustment components
• NE107 ‑ Self‑monitoring and diagnosis of field devices
Certification
ATEX/IECEx: EN IEC 60079‑0, EN 60079‑11, EN 60079‑26
Detailed information can be found in chapter “2.1. Certifications” on page 6.
Environment and installation
Ambient temperature
Operation and storage: ‑ 40…+ 80 °C (‑ 40…+ 176 °F) (with display/configuration module)
Temperature derating
Depending on the device variant.
Detailed information can be found in chapter “5.3. Temperature derating diagram” on
page 13.
Relative air humidity
20…85 %, without condensation
Height above sea level
Max. 2000 m (by default; max. 5000 m with connected overvoltage protection)
Degree of protection according to
IEC/EN 60529
IP66/IP67 with cable plug mounted and tightened M20 x 1.5
Pollution degree
Degree 4 (when used with fulfilled housing protection)
1.) Depending on the mounting conditions, deviations can occur which can be rectified by adapting the adjustment or changing the measured value offset in the DTM service
mode.
2.) The blocking distances can be optimized by a false signal suppression.
3.) Time span, after a sudden change in the measuring distance of max. 0.5 m in liquid applications, until the output signal has assumed for the first time 90 % of the final value
(IEC 61298-2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com