Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Level measurement device with guided radar
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  8802 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Type 8188
5 | 17
Visit product website 
1.3. Variant with rod probe
Product properties
Materials
Wetted parts
Process connection
• Stainless steel 316L (1.4404 or 1.4435) and PPS (variant up to 6 bar)
• Stainless steel 316L (1.4404 or 1.4435) and PEEK (variant up to 40 bar)
Probe
Rod‑Ø 8 mm in stainless steel 316L (1.4404 or 1.4435)
Seal
Process seal on the instrument side (rod lead-through) in EPDM
Weight
Housing: 890 g
Rod‑Ø 8 mm: approx. 400 g/m
Probe length
0.3…6 m (lateral load: 10 Nm)
Medium data
Process temperature
• ‑ 40…+ 80 °C (‑ 40…+ 176 °F) (for variant up to 6 bar)
• ‑ 40…+ 150 °C (‑ 40…+ 302 °F) (for variant up to 40 bar)
Process pressure
• ‑ 1…+ 6 bar (‑ 100…+ 600 kPa/‑ 14.5…+ 87 psig) (for process connection in stainless
steel 316L (1.4404 or 1.4435) and PPS)
• ‑ 1…+ 40 bar (‑ 100…+ 4000 kPa/‑ 14.5…+ 580 psig) (for process connection in stainless
steel 316L (1.4404 or 1.4435) and PEEK)
Dielectric constant (min.)
ε
r > 1.6
1.4. Variant with cable version and gravity weight
Product properties
Materials
Wetted parts
Process connection
• Stainless steel 316L (1.4404 or 1.4435) and PPS (variant up to 6 bar)
• Stainless steel 316L (1.4404 or 1.4435) and PEEK (variant up to 40 bar)
Inner conductor
Up to separation cable: stainless steel 316L (1.4404 or 1.4435)
Probe
Cable‑Ø 4 mm with gravity weight in stainless steel 316L (1.4404 or 1.4435)
Seal
Process seal on the instrument side (cable lead-through) in EPDM
Weight
• Housing: 890 g
• Cable‑Ø 4 mm: approx. 60 g/m
• Gravity weight: approx. 200 g
Probe length
0.5…75 m (max. tensile load: 2.5 KN)
Medium data
Process temperature
• ‑ 40…+ 80 °C (‑ 40…+ 176 °F) (for variant up to 6 bar)
• ‑ 40…+ 150 °C (‑ 40…+ 302 °F) (for variant up to 40 bar)
Process pressure
• ‑ 1…+ 6 bar (‑ 100…+ 600 kPa/‑ 14.5…+ 87 psig) (for process connection in stainless
steel 316L (1.4404 or 1.4435) and PPS)
• ‑ 1…+ 40 bar (‑ 100…+ 4000 kPa/‑ 14.5…+ 580 psig) (for process connection in stainless
steel 316L (1.4404 or 1.4435) and PEEK)
Dielectric constant (min.)
ε
r > 1.6
1.5. Variant with coaxial probe
Product properties
Materials
Wetted parts
Process connection
Stainless steel 316L (1.4404 or 1.4435) and PEEK
Inner conductor
Up to separation rod: stainless steel 316L (1.4404 or 1.4435)
Probe
Coaxial‑Ø 21.3 mm (tube) in stainless steel 316L (1.4404 or 1.4435)
Seal
Process seal on the instrument side (rod lead-through) in EPDM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com