Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 15 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Level measurement device with guided radar
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 15 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Type 8188
15 | 17
Visit product website 
7.
Ordering information
7.1. Bürkert eShop – Easy ordering and quick delivery
Bürkert eShop – Easy ordering and fast delivery
You want to find your desired Bürkert product or spare part quickly and order directly?
Our online shop is available for you 24/7. Sign up and enjoy all the benefits.
Order online now
7.2. Bürkert product filter
Bürkert product filter – Get quickly to the right product
You want to select products comfortably based on your technical requirements?
Use the Bürkert product filter and find suitable articles for your application quickly and
easily.
Try out our product filter
7.3. Ordering chart
Note:
All following versions are supplied with display/configuration module.
Description
Operating
voltage
Output
Probe Length Electrical connection
Article no.
Standard variant
G ¾" mounting thread, PN6,
temp. max. 80 °C
16…35 V DC 4…20 mA/HART
(2 wires)
Rod
1 m
Cable gland M20 × 1.5
565800 
2 m
565804 
Cable
5 m
565812 
10 m
565816 
Coaxial 1 m
565823 
2 m
565824 
G 1" mounting thread, PN40,
temp. max. 150 °C
16…35 V DC 4…20 mA/HART
(2 wires)
Rod
1 m
Cable gland +M20 × 1.5
565802 
2 m
565806 
Cable
5 m
565814 
10 m
565818 
Coaxial 1 m
565825 
2 m
565826 
NPT ¾" mounting thread, PN6,
temp. max. 80 °C
16…35 V DC 4…20 mA/HART
(2 wires)
Rod
1 m
Cable gland M20 × 1.5
565801 
2 m
565805 
Cable
5 m
565813 
10 m
565817 
Coaxial 1 m
565827 
2 m
565828 
NPT 1" mounting thread, PN40,
temp. max. 150 °C
16…35 V DC 4…20 mA/HART
(2 wires)
Rod
1 m
Cable gland M20 × 1.5
565803 
2 m
565807 
Cable
5 m
565815 
10 m
565819 
Coaxial 1 m
565829 
2 m
565830 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com