Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 14 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Level measurement device with guided radar
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 14 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Type 8188
14 | 17
Visit product website 
6.
Product operation
6.1. Measuring principle
High frequency microwave pulses are guided along a steel cable, a rod or a coaxial cable. When they reach the product surface,
the microwave pulses are reflected and received by the processing electronics. The running time is evaluated by the instrument and
outputted as distance. Time consuming adjustment with medium is not necessary. The instruments are pre‑set to the ordered probe
length.
The shortenable cable, rod and coaxial variants can be adapted individually to the local requirements.
6.2. Product operation notes
Note:
The measuring device can be adjusted with:
• The display/configuration module
• The suitable Bürkert DTM in conjunction with a software according to the FDT/DTM standard, e.g. PACTware™ and PC
• With a HART handheld
The entered parameters are generally saved in the measuring device Type 8188. Optionally, parameters may also be uploaded and
downloaded with the display/configuration module or saved in a file by using PACTware™/8188‑DTM.
Set up with display/configuration module
Display/configuration module
Description
The display/configuration module can be inserted into the measuring device and removed
again at any time. It is not necessary to interrupt the power supply. The measuring device is
adjusted via the four keys of the display/configuration module.
Set up with PACTware™/DTM and HART communication
Assembly
Description
~
=
PACTwareTM
Bürkert DTM
Power supply unit
1
2
3
The measuring device can be operated thanks to PACTware™, via
HART communication. An interface adapter is necessary for the
adjustment with PACTware™. For the setup of the Type 8188, the
DTM in the actual version must be used. The basic version of DTM
incl. PACTware™ is available as a free-of-charge download from
the internet at www.burkert.com .
Connecting the PC via HART
No. Description
1
Measuring device Type 8188
2
HART‑USB Modem
3
Resistance 250 Ω
Necessary components:
• Measuring device Type 8188
• PC with PACTware™ and suitable Bürkert DTM
• HART‑USB Modem
• Resistance approx. 250 Ω
• Power supply unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com