Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 16 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Level measurement device with guided radar
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 16 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Type 8188
16 | 17
Visit product website 
Description
Operating
voltage
Output
Probe Length Electrical connection
Article no.
Ex variant - ATEX certification
G ¾" mounting thread, PN6,
temp. max. 80 °C
16…30 V DC 4…20 mA/HART
(2 wires)
Rod
1 m
Cable gland M20 × 1.5
565808 
2 m
565810 
Cable
5 m
565820 
Coaxial 1 m
565831 
2 m
565832 
G 1" mounting thread, PN40,
temp. max. 150 °C
16…30 V DC 4…20 mA/HART
(2 wires)
Rod
1 m
Cable gland M20 × 1.5
565809 
2 m
565811 
Cable
5 m
565821 
Coaxial 1 m
565833 
2 m
565834 
Ex variant - IECex certification
NPT ¾" mounting thread, PN6,
temp. max. 80 °C
16…30 V DC 4…20 mA/HART
(2 wires)
Rod
1 m
Cable gland M20 × 1.5
565839 
2 m
565840 
Cable
5 m
565841 
Coaxial 1 m
565835 
2 m
565836 
NPT 1" mounting thread, PN40,
temp. max. 150 °C
16…30 V DC 4…20 mA/HART
(2 wires)
Rod
1 m
Cable gland M20 × 1.5
565842 
2 m
565843 
Cable
5 m
565844 
Coaxial 1 m
565837 
2 m
565838 
Further versions on request
Material
• FFKM
• Alloy C22 (2.4602)
Temperature
- 40…+ 200 °C
Process connection
• Thread G or NPT ½" (PN40 ,150 °C), 1½"
• Flange DN25, DN40, DN50, DN80, DN100, DN150
• Flange 1", 1 ½", 2", 3", 4", 6"
Additional
With display
7.4. Ordering chart accessories
Description
Article no.
Set with 2 reductions M20 × 1.5/NPT ½" + 2 neoprene flat seals for cable gland + 2 screw‑plugs M20 × 1.5
551782 
Hart‑USB Modem
560177 
Set with a display/configuration module, a transparent cover and a seal ring
559279 
Set with a transparent cover and a seal ring
561006 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com