Electronic Components Datasheet Search
  English  ▼

X  

6213 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 6213
Description  Screw-in temperature threshold detector/ transmitter with display
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6213 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  6213 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Type 8400
3 | 14
Visit product website 
1.
General technical data
Product properties
Materials
Please make sure the device materials are compatible with the fluid you are using.
Detailed information can be found in chapter “4.1. Chemical Resistance Chart – Bürkert resistApp” on page 7.
Non wetted parts
Depending on the device version.
Detailed information can be found in chapter “2. Product versions” on page 5 and in chapter “4.2. Material specifications”
on page 7.
Housing, cover
PC, glass fibre reinforced
Front panel folio
Polyester
Screws
Stainless steel
Wetted parts
Depending on the device version.
Detailed information can be found in chapter “2. Product versions” on page 5 and in chapter “4.2. Material specifications”
on page 7.
Voltage supply cable
Depending on the device version.
Detailed information can be found in chapter “2. Product versions” on page 5.
Electrical data
Power supply
12…30 V DC ± 10 %, filtered and regulated.
Connection to main supply: permanent (through external SELV (Safety Extra Low Volt-
age) and LPS (Limited Power Source) power supply)
Power source (not supplied)
Limited power source according to UL/EN 60950-1 standards or limited energy circuit
according to UL/EN 61010-1 §9.4
Protection against DC polarity reversal
Yes
Current consumption
Depending on the device version.
Detailed information can be found in chapter “2. Product versions” on page 5.
Performance data
Measuring range
Depending on the device version.
Detailed information can be found in chapter “2. Product versions” on page 5.
Measurement deviation
• ± 0.5 °C (0.9 °F) (0…+ 80 °C (+ 32…+ 176 °F))
• ± 1.5 °C (2.7 °F) (outside of 0…+ 80 °C (+ 32…+ 176 °F))
Repeatability
≤ ± 0.4 %
4…20 mA output uncertainty
± 0.5 % of range
Medium data
Fluid temperature
Depending on the device version.
Detailed information can be found in chapter “2. Product versions” on page 5.
Fluid pressure max.
Depending on the device version.
Detailed information can be found in chapter “2. Product versions” on page 5.
Approvals and Certificates
Standards
Degree of protection according to IEC/
EN 60529
IP65 with device wired and with plugs mounted and tightened
Directives
CE directives
The applied standards, which verify conformity with the EU Directives, can be found
on the EU Type Examination Certificate and/or the EU Declaration of conformity (if
applicable)
Product connections
Process connection
Depending on the device version.
Detailed information can be found in chapter “2. Product versions” on page 5.
Electrical connections
Cable plug acc. to EN 175301-803, free positionable 5 pin M12 male fixed plug, 8 pin
M12 male fixed plug or 4 pin M12 female fixed plug
Environment and installation
Ambient temperature
Depending on the device version.
Detailed information can be found in chapter “2. Product versions” on page 5.
Relative air humidity
≤ 80 %, without condensation
Height above sea level
Max. 2000 m
Operating condition
Continuous
Equipment mobility
Fixed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com