Electronic Components Datasheet Search
  English  ▼

X  

6213 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 6213
Description  Screw-in temperature threshold detector/ transmitter with display
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6213 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 6213 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Type 8400
6 | 14
Visit product website 
2.2. Wall-mounted version
The 8400 Wall has to be inserted into a holder previously mounted on a wall. It must be associated to a remote temperature sensor.
Product details
Materials
Non wetted parts:
• Wall-mounted holder in PVC
• 5-pins M12 male fixed plug in PA with electrical contact in brass gold-plated
• 4-pins M12 female fixed plug in PA and zinc die-cast, nickel-plated with electrical
contact in CuSn, gold-plated
Compatibility
With remote 3-wire Pt100 temperature sensor
Voltage supply cable
• For 5-pins M12 female plug (not supplied): shielded, external diameter of wire:
3…6.5 mm, cross section of wires: max. 0.75 mm²
• For 4-pins M12 male plug (not supplied): external diameter of wire: 3…6.5 mm,
cross section of wires: max. 0.75 mm²
Measuring range
- 40…+ 125 °C (- 40…+ 257 °F)
Current consumption
Max. 50 mA (no load)
Input signal
From connected 3-wire Pt100 temperature sensor
Output signal
• Transistor (configurable): protection against short circuits
– NPN and/or PNP, open collector, 700 mA max. 500 mA per transistor if both
transistors outputs are wired
– NPN-output: 0.2…30 V DC
– PNP-output: power supply
Response time (10…90 %) 7 s (for one step increment from 0…+ 100 °C (+ 32…+ 212 °F))
Ambient temperature
-20…+ 60 °C (- 4…+ 140 °F)
3.
Approvals
3.1. Pressure Equipment Directive
The device conforms to Article 4, Paragraph 1 of the Pressure Equipment Directive 2014/68/EU under the following conditions:
Device used on a pipe
Note:
• The data in the table is independent of the chemical compatibility of the material and the fluid.
• PS = maximum admissible pressure; DN = nominal diameter of the pipe
Type of fluid
Conditions
Fluid group 1, Article 4, Paragraph 1.c.i
DN ≤ 25
Fluid group 2, Article 4, Paragraph 1.c.i
DN ≤ 32 or PS*DN ≤ 1000
Fluid group 1, Article 4, Paragraph 1.c.ii DN ≤ 25 or PS*DN ≤ 2000
Fluid group 2, Article 4, Paragraph 1.c.ii DN ≤ 200 or PS ≤ 10 or PS*DN ≤ 5000
Device used on a vessel
Note:
• The data in the table is independent of the chemical compatibility of the material and the fluid.
• PS = maximum admissible pressure
Type of fluid
Conditions
Fluid group 1, Article 4, Paragraph 1.a.i
PS ≤ 200 bar
Fluid group 2, Article 4, Paragraph 1.a.i
PS ≤ 1000 bar
Fluid group 1, Article 4, Paragraph 1.a.ii PS ≤ 500 bar
Fluid group 2, Article 4, Paragraph 1.a.ii PS ≤ 1000 bar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com