Electronic Components Datasheet Search
  English  ▼

X  

6213 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 6213
Description  Screw-in temperature threshold detector/ transmitter with display
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6213 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  6213 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Visit product website 
DATA SHEET
Type 6213
Servo-assisted 2/2 way
diaphragm valve
Type 8652
AirLINE - the valve
island optimised for
process automation
Type 8611
eCONTROL - Universal
controller
Type 8619
multiCELL - Multi-chan-
nel and multi-function
transmitter/controller
1000011769 | Standard | EU | en | 202202 | 10
Screw-in temperature threshold detector/
transmitter with display
• Indication, monitoring, transmitting and On/Off control in one de-
vice
• Extra large display
• Menu-guided parametrisation
• Complete control loop with external setpoint
This intelligent threshold detector/transmitter with an extra large display is
specifically designed to monitor limit values or an ON/OFF or continuous
control loop.
Two versions are available: the 8400 Compact and 8400 for wall mounting.
The wall-mounted version must be inserted into a holder previously mounted
on a wall, and it must be associated with a remote temperature sensor.
The switching points can be programmed with keys directly in the display or
optionally with a 4...20 mA standard signal input from an external PLC. As an
option, the process value can additionally be transmitted to the PLC (with a
4...20 mA signal).
The connection of the 8400 to the process in the piping is made using stand-
ard T-fittings with standard connections (G ½).
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8400
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 6213

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
6213 CONNOR-WINFIELD-6213 Datasheet
84Kb / 2P
3.3V LVCMOS Surface Mount Crystal Clock Oscillator
logo
Christian Bürkert GmbH ...
6213 BURKERT-6213 Datasheet
1Mb / 17P
Solenoids with Kick and Drop
16.11.2023
6213 BURKERT-6213 Datasheet
826Kb / 14P
Pressure measuring device / Switch
20.07.2022
logo
Pomona Electronics
6213 POMONA-6213 Datasheet
23Kb / 1P
Replacement Tips For Test Probes
logo
Connor-Winfield Corpora...
6213-32.768M CONNOR-WINFIELD-6213-32.768M Datasheet
84Kb / 2P
3.3V LVCMOS Surface Mount Crystal Clock Oscillator
More results

Similar Description - 6213

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CTD05076 DAICO-CTD05076 Datasheet
126Kb / 1P
Threshold Detector
DTD01999 DAICO-DTD01999 Datasheet
115Kb / 1P
Threshold Detector
DTD05080 DAICO-DTD05080 Datasheet
128Kb / 1P
Threshold Detector
DTD05097 DAICO-DTD05097 Datasheet
106Kb / 1P
Threshold Detector
DTD08052 DAICO-DTD08052 Datasheet
127Kb / 1P
Threshold Detector
logo
Spectrum Microwave, Inc...
TMJ9902 SPECTRUM-TMJ9902 Datasheet
236Kb / 1P
Threshold Detector
TMJ9904 SPECTRUM-TMJ9904 Datasheet
246Kb / 1P
Threshold Detector
logo
API Technologies Corp
TMJ9924 APITECH-TMJ9924 Datasheet
100Kb / 1P
THRESHOLD DETECTOR
TMJ9912 APITECH-TMJ9912 Datasheet
70Kb / 1P
THRESHOLD DETECTOR
TMJ9902 APITECH-TMJ9902 Datasheet
101Kb / 1P
THRESHOLD DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com