Electronic Components Datasheet Search
  English  ▼

X  

6213 Datasheet(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

Part # 6213
Description  Screw-in temperature threshold detector/ transmitter with display
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6213 Datasheet(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  6213 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Type 8400
5 | 14
Visit product website 
2.
Product versions
2.1. Compact version
Compact version, available in several variants.
• The 8400 Standard has a Pt100 with a 29.5 mm mounting length.
• The 8400 Extended has a Pt100 with a 100 or 200 mm mounting length. The adaptation of the 8400 will be done through the
external thread or also with a compression fitting (not part of delivery).
This allows variable mounting in larger pipe diameters or tanks.
Product details
Materials
• Non wetted parts:
– Female cable plug/male fixed plug in PA (body, contact holder and cable
gland) with electrical contact in Sn and cable gland seal and flat seal in NBR
– 5-pins M12 male fixed plug in PA with electrical contact in brass, gold-plat-
ed
– 8-pins M12 male fixed plug in PA and CuZn, nickel-plated with electrical
contact in CuZn, pre-nickeled and gold-plated
• Wetted parts:
– Pt100 sensor element in stainless steel
– Seal in FKM (EPDM on request)
– Process connection in stainless steel 316L (1.4404)
Compatibility
Any pipe with DN ≥ 15
Voltage supply cable
Shielded
• For female cable plug (supplied): external diameter of wire: 6…7 mm, cross sec-
tion of wires: 0.14…0.5 mm²
• For 5-pins M12 female plug (not supplied): external diameter of wire: 3…6.5 mm,
cross section of wires: max. 0.75 mm²
• For 8-pins M12 female plug (not supplied): external diameter of wire: 5.9 mm,
cross section of wires: 0.25 mm²
Measuring range
• - 40…+ 125 °C (- 40…+ 257 °F) (with ambient temperature 0…+ 40 °C
(- 32…+ 104 °F))
• - 40…+ 90 °C (- 40…+ 194 °F) (with ambient temperature > + 40 °C (104 °F))
Current consumption
Max. 80 mA (no load)
Input external setpoint
4…20 mA, galvanic insulation, max. input impedance: 250 Ω
Output signal
• Transistor (configurable): protection against short circuits
– NPN and/or PNP, open collector, 700 mA max., 500 mA per transistor if both
transistors outputs are wired
– NPN-output: 0.2…30 V DC
– PNP-output: power supply
• Relay (configurable):
– single relay output: 3 A/250 V AC or 3 A/30 V DC
– relay output and 4…20 mA current output: 3 A/48 V AC or 3 A/30 V DC
• Process value:
– 4…20 mA, galvanic insulation
– loop resistance max.: 1000 Ω at 30 V DC, 800 Ω at 24 V DC, 500 Ω at
18 V DC
Response time (10…90 %) 7 s (for one step increment from 0…+ 100 °C (+ 32…+ 212 °F))
Fluid temperature
- 40…+ 125 °C (+ 40…+ 257 °F)
Fluid pressure max.
PN16
Pressure equipment
directives
Complying with Article 4, Paragraph 1 of 2014/68/EU directive. Detailed information
on the pressure equipment directive can be found in chapter “3.1. Pressure Equip-
ment Directive” on page 6
Process connection
G, NPT, Rc ½ screw-in thread
Ambient temperature
• - 20…+ 60 °C (- 4…+ 140 °F) if T
fluid < 90 °C (+ 194 °F)
• - 20…+ 40 °C (- 4…+ 104 °F) if T
fluid > 90 °C (+ 194 °F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com