Electronic Components Datasheet Search
  English  ▼

X  

6213 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # 6213
Description  Screw-in temperature threshold detector/ transmitter with display
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6213 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 6213 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Type 8400
10 | 14
Visit product website 
5.3. Wall-Mounted version
Note:
Specifications in mm
54.2
88
22
M12,
5 pin
M12,
4 pin
6.
Product operation
6.1. Functional overview
The display is used to:
• read the value of certain parameters such as the measured temperature
• parameterize the device by means of 3 keys
• read the configuration of the device.
Display and operating keys
No. Description
3
1
2
4
5
1
Bar graph running in each mode
2
“Confirm” key:
• to confirm the function displayed
• to confirm the parameters set
3
Shows the status of the on/off output (red LED)
4
“Next” key:
• to select the digit
• to go to the next function
5
“Back” key:
• to change the value (0…9) of the selected digit
• to go back to the previous function
User adjustments, such as engineering units, output, filter, bargraph are carried out on site.
The device has 2 operating levels:
• the process level
• the configuration level, which comprises the parameters and the test menus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com