Electronic Components Datasheet Search
  English  ▼

X  

6213 Datasheet(PDF) 11 Page - Christian Bürkert GmbH & Co. KG

Part # 6213
Description  Screw-in temperature threshold detector/ transmitter with display
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6213 Datasheet(HTML) 11 Page - Christian Bürkert GmbH & Co. KG

Back Button 6213 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Type 8400
11 | 14
Visit product website 
Level
Functions
Process
• To read out:
– the measured temperature
– the switching thresholds (high and low value)
– the value of the 4…20 mA output (transmitter only)
• To access the parameters and test menus of the configuration level
Configuration -
parameters menu
• To make the settings needed for operation:
– engineering units (international measuring units)
– transistor or relay output
– temperature adjustment
– 4…20 mA current output (transmitter only)
– 4…20 mA current input (transmitter only)
– selection of switching mode: window, hysteresis (see chapter “6.2. Function modes” on page 11.)
– selection of threshold value (see chapter “6.2. Function modes” on page 11.)
– filter
– 10 segment bargraph
Configuration -
test menu
• To test the configuration made in the parameters menu with input of a theoretical value
• To calibrate the expansion board in a transmitter version (4…20 mA current output and input)
6.2. Function modes
Temperature threshold detector
• Standard On/Off output
– 2 switching modes for the output, either hysteresis or window, inverted or not
OLO
OHI
OLO
OHI
Contact
inverted
not inverted
Contact
OLO
OHI
OLO
OHI
Contact
inverted
not inverted
Contact
Hysteresis mode
Window mode
– Configurable delay before switching
– Possible outputs depending on the version: relay, transistor NPN, transistor PNP.
Temperature transmitter
• External setpoint
– The switching points are automatically adjusted by the 4…20 mA input signal originating from a PLC.
– On/Off relay output
• External setpoint
– This version delivers a 4…20 mA electric signal whose value is the image of the measured temperature
– On/Off relay output
– 4…20 mA output
– External setpoint (4…20 mA input).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com