Electronic Components Datasheet Search
  English  ▼

X  

6213 Datasheet(PDF) 12 Page - Christian Bürkert GmbH & Co. KG

Part # 6213
Description  Screw-in temperature threshold detector/ transmitter with display
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6213 Datasheet(HTML) 12 Page - Christian Bürkert GmbH & Co. KG

Back Button 6213 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Type 8400
12 | 14
Visit product website 
7.
Ordering information
7.1. Bürkert eShop – Easy ordering and quick delivery
Bürkert eShop – Easy ordering and fast delivery
You want to find your desired Bürkert product or spare part quickly and order directly?
Our online shop is available for you 24/7. Sign up and enjoy all the benefits.
Order online now
7.2. Bürkert product filter
Bürkert product filter – Get quickly to the right product
You want to select products comfortably based on your technical requirements?
Use the Bürkert product filter and find suitable articles for your application quickly and
easily.
Try out our product filter
7.3. Ordering chart
Temperature threshold detector, compact version
Note:
The adaptation of the 8400 Extended will be done through the external thread or also with a compression fitting (not part of delivery).
This allows variable mounting in larger pipe diameters or tanks.
Version
Voltage
supply
Sensor
element
Screw-in
thread
Output
Electrical connection
Article no.
Standard
mounting
length
12…30 V DC 29.5 mm -
Ø 4 mm
G ½
NPN and
PNP
Free positionable 5 pin M12 male fixed plug
436501 
Relay
Free positionable 5 pin M12 male fixed plug
and cable plug EN 175301-803
436503 
NPT ½
NPN and
PNP
Free positionable 5 pin M12 male fixed plug
436507 
Relay
Free positionable 5 pin M12 male fixed plug
and cable plug EN 175301-803
436509 
Rc ½
NPN and
PNP
Free positionable 5 pin M12 male fixed plug
436504 
Relay
Free positionable 5 pin M12 male fixed plug
and cable plug EN 175301-803
436506 
Extended
mounting
length
12…30 V DC 100 mm -
Ø 6 mm
G ½
Relay
Free positionable 5 pin M12 male fixed plug
and cable plug EN 175301-803
550053 
200 mm -
Ø 6 mm
G ½
Relay
Free positionable 5 pin M12 male fixed plug
and cable plug EN 175301-803
550054 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com