Electronic Components Datasheet Search
  English  ▼

X  

6213 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 6213
Description  Screw-in temperature threshold detector/ transmitter with display
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6213 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 6213 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Type 8400
7 | 14
Visit product website 
4.
Materials
4.1. Chemical Resistance Chart – Bürkert resistApp
Bürkert resistApp – Chemical Resistance Chart
You want to ensure the reliability and durability of the materials in your individual
application case? Verify your combination of media and materials on our website or in
our resistApp.
Start Chemical Resistance Check
4.2. Material specifications
Compact version
1
2
3
5
10
6
12
7
4
8
9
11
No. Element
Material
1
Front panel folio
Polyester
2
Screws
Stainless steel
3
Cover
PC, glass fibre reinforced
4
Housing
PC, glass fibre reinforced
5
M12 male fixed plug
PA (5 pin), PA and CuZn
nickel-plated (8 pin)
6
Male fixed plug
(EN 175301-803 )
PA
7
Electrical contact
Sn
8
Screw
Stainless steel
9
Female cable plug
(EN 175301-803)
• Body, contact holder and
cable gland in PA
• Cable gland seal and flat
seal in NBR
10 Seal
FKM (EPDM on request)
11 Process connection
Stainless steel 316L (1.4404)
12 Pt100 sensor element
Stainless steel
Wall-mounted version
1
2
3
5
6
7
4
No. Element
Material
1
Front panel folio
Polyester
2
Screws
Stainless steel
3
Cover
PC, glass fibre reinforced
4
Housing
PC, glass fibre reinforced
5
M12 male fixed plug
PA (5 pin)
6
M12 female plug
PA and zinc die-cast, nick-
el-plated (4 pin)
Wall-mounted holder
PVC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com