Electronic Components Datasheet Search
  English  ▼

X  

TCS37203 Datasheet(PDF) 58 Page - OSRAM GmbH

Part # TCS37203
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37203 Datasheet(HTML) 58 Page - OSRAM GmbH

Back Button TCS37203 Datasheet HTML 54Page - OSRAM GmbH TCS37203 Datasheet HTML 55Page - OSRAM GmbH TCS37203 Datasheet HTML 56Page - OSRAM GmbH TCS37203 Datasheet HTML 57Page - OSRAM GmbH TCS37203 Datasheet HTML 58Page - OSRAM GmbH TCS37203 Datasheet HTML 59Page - OSRAM GmbH TCS37203 Datasheet HTML 60Page - OSRAM GmbH TCS37203 Datasheet HTML 61Page - OSRAM GmbH TCS37203 Datasheet HTML 62Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 88 page
background image
Datasheet, Public
Page 57
[v5-00] 2023-Nov-27
Document Feedback
TCS3720 − Register Overview
ASD_L Register (Address 0xE0)
Figure 81:
ASD_L Register
ASD_H Register (Address 0xE1)
Figure 82:
ASD_H Register
The ASD (ALS Start Delay) timing registers control the start of
ALS integration after detect of VSYNC signal. It is a 16-bit value
split into two registers {ASD_H [7:0], ASD_L [7:0]}.
ASD is recommended to be programmed greater than ALS
initialization period (24 cycles), otherwise it's ignored. ASD
needs to be programmed less than VSYNC period, since the
counter will reset once VSYNC signal is detected. If VSYNC is
changed, ASD period and other configurations need to be
changed accordingly by bringing device in IDLE mode by
stopping integration.
Addr: 0xE0
ASD_L
Bit
Bit Name
Default
Access
Bit Description
7:0
ASD_L
0x00
RW
ASD_L is lower byte of ASD (ALS Start Delay).
Value
Delay Cycles
Delay Time
0x0000
0
ALS init time
0x0018
24
ALS init time
0x0019
25
1.357μs x 25
0x001A
26
1.357μs x 26
……
…
0xFFFF
65535
1.357μs x 65535
Addr: 0xE1
ASD_H
Bit
Bit Name
Default
Access
Bit Description
7:0
ASD_H
0x00
RW
ASD_H is upper byte of ASD (ALS Start Delay).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com