Electronic Components Datasheet Search
  English  ▼

X  

TCS37203 Datasheet(PDF) 61 Page - OSRAM GmbH

Part # TCS37203
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37203 Datasheet(HTML) 61 Page - OSRAM GmbH

Back Button TCS37203 Datasheet HTML 57Page - OSRAM GmbH TCS37203 Datasheet HTML 58Page - OSRAM GmbH TCS37203 Datasheet HTML 59Page - OSRAM GmbH TCS37203 Datasheet HTML 60Page - OSRAM GmbH TCS37203 Datasheet HTML 61Page - OSRAM GmbH TCS37203 Datasheet HTML 62Page - OSRAM GmbH TCS37203 Datasheet HTML 63Page - OSRAM GmbH TCS37203 Datasheet HTML 64Page - OSRAM GmbH TCS37203 Datasheet HTML 65Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 88 page
background image
Page 60
Datasheet, Public
Document Feedback
[v5-00] 2023-Nov-27
TCS3720 − Register O ver view
Although ASP1, ASP2, ATIME are programmed with high
flexibility, it always recommend to program ATIME to be an
integer multiple of ASP1+ASP2. Explained by a formula:
ATIME =N x(ASP1 +ASP2), where N is a positive integer.
ATIME Register (Address 0xE6)
Figure 87:
ATIME Register
The ATIME register controls the integration time of the ALS
ADCs. The timer is implemented with a down counter with 0x00
as the terminal count. The timer is clocked at a 2.779ms nominal
rate. Loading 0x00 will generate a 2.779ms integration time,
loading 0x01 will generate a 5.558ms integration time, and so
forth.
By default, ALS data are sampled and stored in FIFO registers
by every ATIME period. If enable ASP1 ASP2, ALS data sampling
period is defined by ASP1 ASP2.
Addr: 0xE6
ATIME
Bit
Bit Name
Default
Access
Bit Description
7:0
ATIME
0x00
RW
The ATIME value specifies the ALS integration time in
2.779ms intervals. 0x00 indicates 2.779ms. The maximum ALS
count value depends on the integration time. For every
2.779ms, the maximum value increases by 2048. This means
that to be able to reach ALS full scale, the integration time has
to be at least 32*2.779ms.
Value
Integration
Cycles
Integration
Time
Maximum
ALS Value
0x00
1
2.779ms
2047
0x01
2
5.558ms
4095
0x02
3
8.336ms
6143
……
…
…
0x1F
32
88.923ms
65535
……
…
…
0xFF
256
711.381ms
65535



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com