| Electronic Components Datasheet Search |
|
TCS37203 Datasheet(PDF) 17 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS37203 Datasheet(HTML) 17 Page - OSRAM GmbH |
|
17 / 88 page ![]() Page 16 Datasheet, Public Document Feedback [v5-00] 2023-Nov-27 TCS3720 − Detailed Description In the “full parallel” operating mode, ALS and proximity measurements run completely independent of each other. When the device is operating non-synchronously, the ALS and proximity measurements start after AEN=PEN=PON=1. When the device is operating synchronously (i.e. the ALS and proximity measurements are triggered by an external VSYNC signal) the ALS and proximity start timing is determined by the following: • For ALS, AVSYNC_EN=1 enables synchronous mode and ASD defines the delay from VSYNC until the ALS measurement begins. • For proximity, PVSYNC_EN=1 enables synchronous mode and PSD defines the delay from VSYNC until the proximity measurement begins. AWTIME defines the ALS repetition period. In non-synchronous mode, the subsequent ALS cycle will begin at the end of the AWTIME period. In synchronous mode, the subsequent ALS cycle will occur on the first VSYNC after the end of the AWTIME period, plus the delay defined by ASD. PWTIME defines the proximity repetition period. In non-synchronous mode, the subsequent proximity cycle will begin at the end of the PWTIME period. In synchronous mode, the subsequent proximity cycle will occur on the first VSYNC after the end of the PWTIME period, plus the delay defined by PSD. Figure 18 shows the ALS and proximity timing during full parallel mode. Figure 18: ALS and Proximity Measurement in Full Parallel Mode ALS integ ASD AWTIME ALS_Init_Time Start s hifts AVSYNC_EN=0 PSD Prox integ Temp_Meas (if en abled) PWTIME Prox_Init_Time ALS integ ASD ALS_Init_Time PSD Prox integ Temp_Meas (if en abled) Prox_Init_Time PSD Prox integ Temp_Meas (if en abled) Prox_Init_Time Start s hifts AVSYNC_EN=0 AWTIME Start s hifts PVSYNC_EN=0 Start s hifts PVSYNC_EN=0 PWTIME PWTIME Start s hifts PVSYNC_EN=0 PON=1 PEN=AEN=1 PWEN=AWEN=1 PVSYNC=1 AVSYNC=1 VSYNC |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |