Electronic Components Datasheet Search
  English  ▼

X  

TCS37203 Datasheet(PDF) 41 Page - OSRAM GmbH

Part # TCS37203
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37203 Datasheet(HTML) 41 Page - OSRAM GmbH

Back Button TCS37203 Datasheet HTML 37Page - OSRAM GmbH TCS37203 Datasheet HTML 38Page - OSRAM GmbH TCS37203 Datasheet HTML 39Page - OSRAM GmbH TCS37203 Datasheet HTML 40Page - OSRAM GmbH TCS37203 Datasheet HTML 41Page - OSRAM GmbH TCS37203 Datasheet HTML 42Page - OSRAM GmbH TCS37203 Datasheet HTML 43Page - OSRAM GmbH TCS37203 Datasheet HTML 44Page - OSRAM GmbH TCS37203 Datasheet HTML 45Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 88 page
background image
Page 40
Datasheet, Public
Document Feedback
[v5-00] 2023-Nov-27
TCS3720 − Register O ver view
STATUS Register (Address 0xA0)
Figure 54:
STATUS Register
3:2
Reserved
0
R
Reserved. Must be set to default value.
1
PLDRIVE0_PAD_
SHORT_VSS_
FAIL
0R
When the flag is set, it indicates that the VSS check
during eye safety check failed for PLDRIVER0. The
PLDRIVER0 is disabled (no pulses are sent) in case of
failure but the proximity timing is maintained.
When ESIEN is 1, an interrupt is generated in the final
state after PROX_DATA_AVG is complete.
The flag is cleared when PON is made 0. Writing a 1 to
this field will clear the flag. To enable clear-by-read
function, INT_READ_CLEAR in the register CFG3 must be
set to 1.
0
PLDRIVER0_
PAD_SHORT_
VDD_FAIL
0R
When the flag is set, it indicates that the VDD check
during eye safety check failed for PLDRIVER0. The
PLDRIVER0 is disabled (no pulses are sent) in case of
failure but the proximity timing is maintained.
When ESIEN is 1, an interrupt is generated in the final
state after PROX_DATA_AVG is complete.
The flag is cleared when PON is made 0. Writing a 1 to
this field will clear the flag. To enable clear-by-read
function, INT_READ_CLEAR in the register CFG3 must be
set to 1.
Addr: 0xA0
STATUS
Bit
Bit Name
Default
Access
Bit Description
7
PINT_GRT_HTH
0
R, SC
Proximity interrupt is due to PDATA exceeds the high
threshold (PIHT). Clearing PINT flag will clear this flag
as well.
6
PINT_LES_LTH
0
R, SC
Proximity interrupt is due to PDATA exceeds the low
threshold (PILT). Clearing PINT flag will clear this flag
as well.
5
PSAT
0
RW, SC
Proximity saturation flag indicates that a PSAT_2STG
or AMBCOMP_LVL_SAT or PSAT_1STG_PULSE or
PSAT_1STG_AMB event occurred during a previous
proximity cycle.
4PINT
0
RW, SC
Proximity interrupt flag indicates that proximity
results have exceeded thresholds and persistence
settings.
3CINT
0
RW, SC
Calibration interrupt flag indicates that calibration
has completed.
Addr: 0x9F
EYE_SAFETY_STATUS
Bit
Bit Name
Default
Access
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com