Electronic Components Datasheet Search
  English  ▼

X  

TCS37203 Datasheet(PDF) 28 Page - OSRAM GmbH

Part # TCS37203
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37203 Datasheet(HTML) 28 Page - OSRAM GmbH

Back Button TCS37203 Datasheet HTML 24Page - OSRAM GmbH TCS37203 Datasheet HTML 25Page - OSRAM GmbH TCS37203 Datasheet HTML 26Page - OSRAM GmbH TCS37203 Datasheet HTML 27Page - OSRAM GmbH TCS37203 Datasheet HTML 28Page - OSRAM GmbH TCS37203 Datasheet HTML 29Page - OSRAM GmbH TCS37203 Datasheet HTML 30Page - OSRAM GmbH TCS37203 Datasheet HTML 31Page - OSRAM GmbH TCS37203 Datasheet HTML 32Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 88 page
background image
Datasheet, Public
Page 27
[v5-00] 2023-Nov-27
Document Feedback
TCS3720 − Register Overview
IPTAT Register (Address 0x1A)
Figure 27:
IPTAT Register
Enable Register (Address 0x80)
Figure 28:
ENABLE Register
Preset each applicable registers and its bits as per required
operation before activating PON. After PON is set, it is required
to wait 100μs settling time and then enable AEN and /or PEN.
In order to modify register configurations during operation, it
is required to set AEN=PEN=PON=0 firstly to avoid any
unexpected behavior or corrupted ALS and proximity results.
Disabling PON resets the device state machine, but all the
register values will retain. After the configuration change done,
set the PON bit and wait 100μs settling time, and then enable
AEN and /or PEN to re-activate the corresponding
functionalities.
Addr: 0x1A
IPTAT
Bit
Bit Name
Default
Access
Bit Description
7:5
Reserved
000
RW
Reserved. Must be set to default value.
4:0
IPTAT
00111
RW
The IPTAT value needs to be changed from its default
value to be “00011b” during device initialization.
Addr: 0x80
ENABLE
Bit
Bit Name
Default
Access
Bit Description
7PVSYNC_EN
0
RW
This bit enables proximity integration synced with
VSYNC.
6
AVSYNC_EN
0
RW
This bit enables ALS integration synced with VSYNC
5TEN
0
RW
This bit activates temperature measurement after every
proximity measurement.
4PWEN
0
RW
This bit activates the proximity wait feature which is set
by the PWTIME register. Active high.
3AWEN
0
RW
This bit activates the ALS wait feature which is set by the
AWTIME register. Active high.
2
PEN
0
RW
This bit activates the proximity detection. Active high.
1
AEN
0
RW
This bit actives the ALS function. Active high.
0PON
0
RW
Power ON. This field activates the internal oscillator and
ADC channels. Active high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com