Electronic Components Datasheet Search
  English  ▼

X  

TCS37203 Datasheet(PDF) 64 Page - OSRAM GmbH

Part # TCS37203
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37203 Datasheet(HTML) 64 Page - OSRAM GmbH

Back Button TCS37203 Datasheet HTML 60Page - OSRAM GmbH TCS37203 Datasheet HTML 61Page - OSRAM GmbH TCS37203 Datasheet HTML 62Page - OSRAM GmbH TCS37203 Datasheet HTML 63Page - OSRAM GmbH TCS37203 Datasheet HTML 64Page - OSRAM GmbH TCS37203 Datasheet HTML 65Page - OSRAM GmbH TCS37203 Datasheet HTML 66Page - OSRAM GmbH TCS37203 Datasheet HTML 67Page - OSRAM GmbH TCS37203 Datasheet HTML 68Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 88 page
background image
Datasheet, Public
Page 63
[v5-00] 2023-Nov-27
Document Feedback
TCS3720 − Register Overview
PSD_L Register (Address 0xEA)
Figure 90:
PSD_L Register
PSD_H Register (Address 0xEB)
Figure 91:
PSD_H Register
The PSD (Proximity Start Delay) timing registers control the
start of proximity measurement after detect of VSYNC signal. It
is a 16-bit value split into two registers {PSD_H [7:0], PSD_L
[7:0]}. PSD needs to be programmed less than VSYNC period,
since the counter will reset once VSYNC signal is detected. If
VSYNC is changed, PSD period and other configurations need
to be changed accordingly by bringing device in IDLE mode by
stopping integration.
Addr: 0xEA
PSD_L
Bit
Bit Name
Default
Access
Bit Description
7:0
PSD_L
0x00
RW
This is lower byte of Proximity Start Delay time. It’s 16-bit
value split into 2 registers {PSD_H[7:0],PSD_L[7:0]}. It is in
multiples of 1.357μs.
Value
Delay Cycles
Delay Time
0x0000
0
Disabled
0x0001
1
1.357μsx1
0x0002
2
1.357μsx2
………
0x3FFF
16383
1.357μsx16383
………
0xFFFF
65535
1.357μsx65535
Addr: 0xEB
PSD_H
Bit
Bit Name
Default
Access
Bit Description
7:0
PSD_H
0x00
RW
This is upper byte of Proximity Start Delay time.
See PSD_L Register for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com