Electronic Components Datasheet Search
  English  ▼

X  

TCS37203 Datasheet(PDF) 25 Page - OSRAM GmbH

Part # TCS37203
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37203 Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button TCS37203 Datasheet HTML 21Page - OSRAM GmbH TCS37203 Datasheet HTML 22Page - OSRAM GmbH TCS37203 Datasheet HTML 23Page - OSRAM GmbH TCS37203 Datasheet HTML 24Page - OSRAM GmbH TCS37203 Datasheet HTML 25Page - OSRAM GmbH TCS37203 Datasheet HTML 26Page - OSRAM GmbH TCS37203 Datasheet HTML 27Page - OSRAM GmbH TCS37203 Datasheet HTML 28Page - OSRAM GmbH TCS37203 Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 88 page
background image
Page 24
Datasheet, Public
Document Feedback
[v5-00] 2023-Nov-27
TCS3720 − Register O ver view
0xD8
CALIB_OFFSET
RW
Proximity offset extension
0x00
0xD9
CALIBCFG
RW
Proximity offset calibration control
0x50
0xDA
PCFG4
RW
Proximity configuration four
0x00
0xDC
CALIBSTAT
R
Proximity offset calibration status
0x00
0xDD
INTENAB
RW
Interrupt enables
0x00
0xDE
INTENAB_2
RW
Interrupt enables two
0x00
0xE0
ASD_L
RW
ALS start delay low data
0x00
0xE1
ASD_H
RW
ALS start delay high data
0x00
0xE2
ASP1_L
RW
ASP1 time low data
0x00
0xE3
ASP1_H
RW
ASP1 time high data
0x00
0xE4
ASP2_L
RW
ASP2 time low data
0x00
0xE5
ASP2_H
RW
ASP2 time high data
0x00
0xE6
ATIME
RW
ALS integration time
0x00
0xE7
AWTIME
RW
ALS wait time
0x00
0xE8
ACFG
RW
ALS configuration
0x00
0xEA
PSD_L
RW
Proximity start delay low data
0x00
0xEB
PSD_H
RW
Proximity start delay high data
0x00
0xEC
PWTIME
RW
Proximity wait time
0x00
0xF0
FIFO_STATUS_1
RFIFO status
0x00
0xF1
FIFO_CONTROL
RW
FIFO control
0x02
0xF4
PDATA_L
R
Proximity low data
0x00
0xF5
PDATA_H
R
Proximity high data
0x00
0xF6
TDATA_L
R
Temperature low data
0x00
0xF7
TDATA_H
R
Temperature high data
0x00
0xF8
FIFO_ADATA_7
R
FIFO ALS data read out register 7
0x00
0xF9
FIFO_ADATA_6
R
FIFO ALS data read out register 6
0x00
0xFA
FIFO_ADATA_5
R
FIFO ALS data read out register 5
0x00
0xFB
FIFO_ADATA_4
R
FIFO ALS data read out register 4
0x00
0xFC
FIFO_ADATA_3
R
FIFO ALS data read out register 3
0x00
0xFD
FIFO_ADATA_2
R
FIFO ALS data read out register 2
0x00
Address
Register Name
Type
Description
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com