Electronic Components Datasheet Search
  English  ▼

X  

TCS37203 Datasheet(PDF) 23 Page - OSRAM GmbH

Part # TCS37203
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37203 Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button TCS37203 Datasheet HTML 19Page - OSRAM GmbH TCS37203 Datasheet HTML 20Page - OSRAM GmbH TCS37203 Datasheet HTML 21Page - OSRAM GmbH TCS37203 Datasheet HTML 22Page - OSRAM GmbH TCS37203 Datasheet HTML 23Page - OSRAM GmbH TCS37203 Datasheet HTML 24Page - OSRAM GmbH TCS37203 Datasheet HTML 25Page - OSRAM GmbH TCS37203 Datasheet HTML 26Page - OSRAM GmbH TCS37203 Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 88 page
background image
Page 22
Datasheet, Public
Document Feedback
[v5-00] 2023-Nov-27
TCS3720 − Register O ver view
The device is controlled and monitored by registers accessed
through the I²C serial interface. These registers provide device
control functions and are read to determine device status and
acquire device data.
Register Map
The register set is summarized in Register Map. The values of all
registers and fields that are listed as reserved or are not listed
must not be changed at any time. The power-on reset values of
each bit are indicated in these columns. Two-byte fields are
always latched with the low byte followed by the high byte.
Figure 22:
Register Map
Address
Register Name
Type
Description
Reset
0x07
LOTL
RLot ID low byte
0x00
0x08
LOTH
R
Lot ID high byte
0x00
0x09
SNL
R
Serial number low byte
0x00
0x0A
SNH
R
Serial number high byte
0x00
0x1A
IPTAT
RW
IPTAT code
0x07
0x80
ENABLE
RW
Enables device states
0x00
0x82
PTIME
RW
Proximity time
0x1F
0x84
AILTL
RW
ALS interrupt low threshold low byte
0x00
0x85
AILTH
RW
ALS interrupt low threshold high byte
0x00
0x86
AIHTL
RW
ALS interrupt high threshold low byte
0x00
0x87
AIHTH
RW
ALS interrupt high threshold high byte
0x00
0x88
PILTL
RW
Proximity interrupt low threshold low byte
0x00
0x89
PILTH
RW
Proximity interrupt low threshold high byte
0x00
0x8A
PIHTL
RW
Proximity interrupt high threshold low byte
0x00
0x8B
PIHTH
RW
Proximity interrupt high threshold high byte
0x00
0x8C
PERS
RW
ALS and proximity interrupt persistence
filters
0x00
0x8D
CFG0
RW
Configuration zero
0x10
0x8E
PCFG0
RW
Proximity configuration zero
0x43
0x8F
PCFG1
RW
Proximity configuration one
0x00
0x90
PCFG2
RW
Proximity configuration two
0x20
0x91
REVID
R
Revision ID
0x01
Register Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com