Electronic Components Datasheet Search
  English  ▼

X  

SIM100MOD Datasheet(PDF) 3 Page - Sensata Technologies, Inc.

Part # SIM100MOD
Description  Sendyne Isolation Monitor For Unearthed (IT) DC Power Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

SIM100MOD Datasheet(HTML) 3 Page - Sensata Technologies, Inc.

  SIM100MOD Datasheet HTML 1Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 2Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 3Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 4Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 5Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 6Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 7Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 8Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 9Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
Preliminary
Rev 1.5
© 2017-2020 Sendyne Corp.
Sendyne SIM100MOD
Features
― Measures voltage of each battery terminal with reference to chassis
― Reports battery voltage
― Reports accurate estimates of the isolation status while the battery is having large voltage variations
― Measures and reports modeled leakage resistances per model adapted by the safety standards ISO6469-1, FMVSS
§571.305 and others
― Reports calculated isolation resistance in Ω/V per requirements of the safety standards
― Measures and reports the value of capacitance from each battery terminal to chassis
― Calculates and reports the energy stored by the total capacitance between the battery and chassis
― Reports uncertainty for all measured and calculated values
― Continuously monitors connections of the voltage sense lines to the battery terminals; reports inadequate
connections
― Continuously monitors connection of the unit to chassis; reports inadequate connection
― Provides high immunity to common-mode noise that can be present on the battery terminals
― Provides nonvolatile storage for the value of the maximum (design) voltage of the battery (used in calculations of
the isolation resistance and stored energy). If the actual observed battery voltage is higher than the set maximum
voltage, the higher value is used in the calculations of the isolation resistance and stored energy
― Provides nonvolatile storage for calibration of the voltage measurements and other parameters; all reported
measurements have their respective calibration parameters applied automatically
― Provides built-in galvanically isolated and intrinsically leakage-safe excitation source
― A single CAN message provides sufficient information for determination of the safety status of the system
― Initializes in under 6 seconds
― Fast detection of a rapid change in insulation resistance: The SIM100 detects an insulation value change in less
than 5 secs
― Warning and Fault alerts provided in the STATUS byte for low insulation resistance values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com