Electronic Components Datasheet Search
  English  ▼

X  

SIM100MOD Datasheet(PDF) 8 Page - Sensata Technologies, Inc.

Part # SIM100MOD
Description  Sendyne Isolation Monitor For Unearthed (IT) DC Power Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

SIM100MOD Datasheet(HTML) 8 Page - Sensata Technologies, Inc.

Back Button SIM100MOD Datasheet HTML 4Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 5Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 6Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 7Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 8Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 9Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 10Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 11Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 12Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
Preliminary
Rev 1.5
© 2017-2020 Sendyne Corp.
Sendyne SIM100MOD
Uncertainties in capacitance estimates
When there is no activity on the IT power system it is expected that individual capacitance estimates will have a high
level of uncertainty. Nevertheless, the total value of isolation capacitance (the parallel combination of all capacitanc-
es) and the estimates for maximum energy that can be stored on them would be accurate. The uncertainty in capaci-
tance estimation will become small (less than ±5%) as soon as there is activity on the IT power bus.
+3%
+5%
-3%
-5%
Reported Uncertainty (%)
SW
CH1
CH2
250 kΩ
500 V
VX1
VX2
0
20
40
60
80
100
120
140
160
180
206
211
216
221
226
231
236
241
246
251
Estimate of R
F,P (kΩ)
Histogram of R
F,P estimates over 10 experiments (25
o
C)
-10%
+10%
1.8%
R
F,P
Figure 10: Distribution of reports over 10 experiments (1200 data points) and illustration of uncertainty reported
by SIM100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com