Electronic Components Datasheet Search
  English  ▼

X  

SIM100MOD Datasheet(PDF) 6 Page - Sensata Technologies, Inc.

Part # SIM100MOD
Description  Sendyne Isolation Monitor For Unearthed (IT) DC Power Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

SIM100MOD Datasheet(HTML) 6 Page - Sensata Technologies, Inc.

Back Button SIM100MOD Datasheet HTML 2Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 3Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 4Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 5Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 6Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 7Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 8Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 9Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 10Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
Preliminary
Rev 1.5
© 2017-2020 Sendyne Corp.
Sendyne SIM100MOD
Sendyne’s patented and patent pending method for
monitoring the isolation state of the IT power system
provides unique features not available in other com-
mercial devices. Specifically, the SIM100 is capable of
estimating accurately the state of the isolation system
when the load is active and the battery voltage is
continuously varying. This unique feature, while im-
portant for the safety of every IT electrical system, is
especially important for the safety of systems that are
engaged in commercial activities with very little down
time, such as commercial vehicles and equipment.
In addition, the SIM100 is the only product in the
market today that provides estimates for the isola-
tion system capacitances. Besides the added safety
provided by estimating the energy stored in them,
capacitances estimation is necessary to be able to
analyze the isolation system behavior dynamically and
during transitions. Sendyne utilizes state-of-the-art
stochastic filtering and numerical methods to evalu-
ate the isolation state dynamically and accurately.
The SIM100 provides individual estimates for each
isolation resistance and capacitance along with the
uncertainty in their calculation. Typical accuracy of
SIM100’s estimates is better than ±5%.
V
n
V
b
V
p
V
n
V
b
V
p
Chassis
Chassis
+ -
ΔV
p
V
X
ΔV
n
Figure 6: Sendyne’s SIM100 estimates dynamically
the isolation state taking into consideration the vary-
ing battery voltage and the Y-capacitances.
SIM100 response time
The SIM100 refreshes its estimates every 500 ms.
Slow changes in the system isolation state can be
tracked and updated within this interval. For large
changes, such as the ones described in the UL 2231
tests, the response time of the SIM100 is less than 5 s.
V
BAT
CH1
CH2
SW
R
F,N
200∙V
BAT
100∙V
BAT
VX1
CY
VX2
CY
SIM100
Figure 7: Circuit for testing SIM100 response time
and accuracy in the successive insertion of a 200
Ohm/V and 100 Ohm/V resistor (R
F,N)
+15%
+15%
-15%
-15%
100*V
BATT
200*V
BATT
200*V
BATT
< 5 s
100*V
BATT
30
40
50
60
70
80
90
100
110
120
-60
-40
-20
0
20
40
60
Time (s)
Estimates of R
F,N in 10 experiments & response times (25
o
C)
Figure 8: Estimates of R
F,N provided in 10 successive
experiments at room temperature. The green line
represents the actual value of the inserted resistor.
Greyed areas show UL2231-2 accuracy require-
ments.
As can be seen in Figure 8, SIM100 provides stable
and accurate results within 5 sec of the transition.
Response time is well below the 10 s requirement by
different standards. Subsequent estimates are updated
every 500 ms. In the same chart, highlighted in grey,
are the ±15% accuracy levels specified by UL 2231-1
and -2. SIM100 estimate errors are below ±3%.
SIM100 performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com