Electronic Components Datasheet Search
  English  ▼

X  

SIM100MOD Datasheet(PDF) 12 Page - Sensata Technologies, Inc.

Part # SIM100MOD
Description  Sendyne Isolation Monitor For Unearthed (IT) DC Power Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

SIM100MOD Datasheet(HTML) 12 Page - Sensata Technologies, Inc.

Back Button SIM100MOD Datasheet HTML 8Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 9Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 10Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 11Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 12Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 13Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 14Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 15Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 16Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
Preliminary
Rev 1.5
© 2017-2020 Sendyne Corp.
Sendyne SIM100MOD
CAN and Power header & mating connectors
Voltage sensing header & mating connectors
The SIM100MOD uses Molex connectors, part numbers: 347920040 and 39299029.
For more details please see the Molex datasheets:
www.molex.com/pdm_docs/sd/347920040_sd.pdf and www.molex.com/pdm_docs/sd/039299029_sd.pdf
Electrical Specifications
Parameter
Min
Typ
Max
Units
Conditions/Comments
Test voltage
3
kV
DC
CAN interface to chassis, 1 min. dura-
tion
Overvoltage
6.4 (2s)
kV
DC
Maximum voltage between VX1/VX2
terminals and Chassis for 2 s.
ESD tolerance
25
±15k
kV
kV
Air discharge to VX1/VX2 terminals;
CAN connector’s signals and/or Chas-
sis connector signals have continuity to
reference GND of the ESD tester
Contact discharge to VX1/VX2 termi-
nals, same conditions as above
Communications
Interface
Spec
Speed
Termination
CAN
2.0B
500 or 250 kbit/s
120 Ω termination resistor optional
Connectors
Interface
Manufacturer
Positions
Part number
Description
CAN & power
on board
Molex
4
347920040
P1: 4 pos. header, shrouded connector
(2.00 mm), through hole tin
Can & power
mating con.
Molex
4
347910040
Use appropriate crimp contacts
(available for AWG 22, 24 and 26)
Voltage sensing
on board
Molex
2
39299029
J1, J3, J4: MINIFIT JR HDR 02P 94V-0
30AU
Voltage sensing
mating con.
Molex
2
39013028
MINIFIT JR RCPT DR SIDETABS 2
CKT 94V-0. Crimp contacts available for
AWG 18 to 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com