Electronic Components Datasheet Search
  English  ▼

X  

SIM100MOD Datasheet(PDF) 4 Page - Sensata Technologies, Inc.

Part # SIM100MOD
Description  Sendyne Isolation Monitor For Unearthed (IT) DC Power Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

SIM100MOD Datasheet(HTML) 4 Page - Sensata Technologies, Inc.

  SIM100MOD Datasheet HTML 1Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 2Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 3Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 4Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 5Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 6Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 7Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 8Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 9Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
Preliminary
Rev 1.5
© 2017-2020 Sendyne Corp.
Sendyne SIM100MOD
Safety of the IT power system
V
n
V
b
V
p
V
n
V
b
V
p
Chassis
V
n
V
b
V
p
V
n
V
b
V
p
Chassis
Chassis
Figure 1: The IT power system topology
Figure 3: In a “symmetrical” isolation fault V
n = Vp
V
n
V
b
V
p
V
n
V
b
V
p
Chassis
Chassis
Figure 2: Single isolation fault
Ungrounded, unearthed, “floating” or IT (Isolé terr
e
or Isolated Terra) are all terms used to describe power
systems that have no intentional conductive connec-
tion to earth’s or chassis ground. The main advantage
of the IT power system is that a single “short” will not
disable its ability to continue delivering power. Figure
1 illustrates the basic topology of such a system.
The resistive connections, shown in Fig 1, between
the terminals of the power source and the chassis are
referred to as the “isolation resistances” ( R
ISO,P and
R
ISO,N ) and they represent the parallel combination of
all resistive paths from the power source terminals to
the chassis (including the ones the isolation monitor
introduces). The values of isolation resistances are
desirable to be high so leakage currents that travel
through them are kept to a harmless minimum. The
capacitors shown represent the parallel combination
of all capacitances present, including the Y-capacitors
typically used in DC IT systems to suppress EMI. The
values of Y-capacitors are kept within limits in order
to avoid hazardous accumulation of energy. The volt-
ages V
p and Vn are shown each to be equal with half
the battery voltage, which will be the case if the values
of R
ISO,P and RISO,N are equal.
Isolation faults
If either of the isolation resistances decreases below
the threshold of 100 Ohms/Volt a hazard occurs if a
person makes contact with the terminal “opposite”
to the leaking resistor. This hazardous situation is il-
lustrated in Figure 2.
V
n
V
b
V
p
V
n
V
b
V
p
Chassis
Figure 4:
An isolation fault may originate from any
point within a battery pack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com