Electronic Components Datasheet Search
  English  ▼

X  

SIM100MOD Datasheet(PDF) 13 Page - Sensata Technologies, Inc.

Part # SIM100MOD
Description  Sendyne Isolation Monitor For Unearthed (IT) DC Power Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

SIM100MOD Datasheet(HTML) 13 Page - Sensata Technologies, Inc.

Back Button SIM100MOD Datasheet HTML 9Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 10Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 11Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 12Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 13Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 14Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 15Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 16Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 17Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
Preliminary
Rev 1.5
© 2017-2020 Sendyne Corp.
Sendyne SIM100MOD
Connectors
Pin Number
Signal Name
Comments
Connector J1
1
CH1
Chassis connection 1. One of two independent connections to Chassis.
2
CH2
Chassis connection 2. One of two independent connections to Chassis.
Note: Signals CH1 and CH2 should have independent connections to Chassis. The SIM100 module continuously
monitors continuity between these two signals. This information is used for examination of the assured connection of
the SIM100 module to Chassis. Absence of solid Chassis connections is reported as a Fault; at that time the results of
the Isolation Measurements are not valid.
Connector J3
1
V
X1
To be connected to positive terminal of the Battery. The two pins in this
connector are shorted on the PCB; either one or both (redundant) pins can
be used for the electrical connection.
2
V
X1
Same as above.
Connector J4
1
V
X2
To be connected to negative terminal of the Battery. The two pins in this
connector are shorted on the PCB; either one or both (redundant) pins can
be used for the electrical connection.
2
V
X2
Same as above.
Connector P1
1
VCC
Positive power supply, can be any voltage within +4.8 V to +53 V.
2
CAN_L
One of two CAN communications lines. Termination resistor of 120 Ω is
installed between these two lines on the SIM100 module.
3
CAN_H
One of two CAN communications lines. Termination resistor of 120 Ω is
installed between these two lines on the SIM100 module.
4
GND
Common / GND connection, negative return for the power supply.
Note: Signal names for pins of connector P1 are labeled on the PCB. Signal GND is galvanically isolated from Chassis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com