Electronic Components Datasheet Search
  English  ▼

X  

SIM100MOD Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # SIM100MOD
Description  Sendyne Isolation Monitor For Unearthed (IT) DC Power Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

SIM100MOD Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  SIM100MOD Datasheet HTML 1Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 2Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 3Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 4Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 5Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 6Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 7Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 8Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 9Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
Preliminary
Rev 1.5
© 2017-2020 Sendyne Corp.
Sendyne SIM100MOD
Table of contents
1
Description
3
Features
4
Safety of the IT power system
4
Isolation faults
5
Capacitive faults
6
SIM100 performance
6
SIM100 response time
7
Thermal stability
7
Uncertainty
7
How to use the uncertainty
7
Very high uncertainties
8
Uncertainties in capacitance estimates
9
Variable loads
10 Technical Specifications
14 Typical Applications
15 Mechanicals
15
SIM100MOD general dimensions [inches]
16 Ordering Information
17 Revision History



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com