Electronic Components Datasheet Search
  English  ▼

X  

SIM100MOD Datasheet(PDF) 17 Page - Sensata Technologies, Inc.

Part # SIM100MOD
Description  Sendyne Isolation Monitor For Unearthed (IT) DC Power Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

SIM100MOD Datasheet(HTML) 17 Page - Sensata Technologies, Inc.

Back Button SIM100MOD Datasheet HTML 11Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 12Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 13Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 14Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 15Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 16Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 17Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 18Page - Sensata Technologies, Inc. SIM100MOD Datasheet HTML 19Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17
Preliminary
Rev 1.5
© 2017-2020 Sendyne Corp.
Sendyne SIM100MOD
Revision History
Revision Table
Revision Number
Date
Comments
1.5
05/20/2020
Added overvoltage specification acc. to IEC 60664-
1.
1.4
03/12/2019
Added section on safety of IT system. Added
charts for SIM100 performance. Added 250 kbit/s
CAN option. Added 1500 V support. New ordering
codes.
1.3
04/12/2018
Update of electrical specifications and minor cor-
rections of the text. The SIM100 now detects an
insulation value change in less than 5 secs instead
of 12 secs of the previous version. Warning and
Fault alerts now provided in the STATUS byte for
low insulation resistance values
1.2
11/22/2017
Part number revisions
1.1
10/04/2017
Additional revision to Operating Specifications
1.0
10/04/2017
Minor correction to Operating Specifications
0.9
08/02/2017
AZ1 and AZ2 implemented in ordering
information
0.8
07/19/2017
Minor Corrections
0.7
07/19/2017
Updated UL language, first page
0.6
06/01/2017
Updated voltage measurement, units corrected to
V instead of mV
0.5
05/26/2017
Updated capacitance measurement and permitted
battery voltage
0.4
04/26/2017
Minor corrections
0.3
03/22/2017
Minor corrections
0.2
03/06/2017
Updated features and electrical specs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com